Electronic Components Datasheet Search
  English  ▼

X  

FR151 Datasheet(PDF) 2 Page - Formosa MS

Part # FR151
Description  Axial Leaded Fast Recovery Rectifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FR151 Datasheet(HTML) 2 Page - Formosa MS

  FR151_17 Datasheet HTML 1Page - Formosa MS FR151_17 Datasheet HTML 2Page - Formosa MS FR151_17 Datasheet HTML 3Page - Formosa MS FR151_17 Datasheet HTML 4Page - Formosa MS FR151_17 Datasheet HTML 5Page - Formosa MS FR151_17 Datasheet HTML 6Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Mechanical data
Epoxy : UL94-V0 rated flame retardant
• Case : Molded plastic, DO-15
• Lead : Axial leads, solderable per MIL-STD-202,
Method 208 guranteed
• Polarity: Color band denotes cathode end
• Mounting Position : Any
• Weight : Approximated 0.40 gram
•
Package outline
Page 2
1.5A Axial
Fast Recovery
Rectifiers - 50V-1000V
Leaded
Dimensions in inches and (millimeters)
DO-15
1.0(25.4)
MIN.
1.0(25.4)
MIN.
.300(7.6)
.230(5.8)
.034(.9)
.028(.7)
DIA.
.140(3.6)
.104(2.6)
DIA.
Formosa MS
FR151 THRU FR157
Features
Axial lead type devices for through hole design.
High current capability.
• Fast switching for high efficiency.
High surge current capability.
Silicon rubber coating chip junction.
Lead-free parts meet RoHS requirments.
• Suffix "-H" indicates Halogen-free parts, ex. FR151-H.
•
•
•
•
•
Document ID
Issued Date
Revised Date
Revision
Page.
PARAMETER
CONDITIONS
Forward rectified current
Forward surge current
Reverse current
Diode junction capacitance
See Fig.2
8.3ms single half sine-wave (JEDEC methode)
f=1MHz and applied 4V DC reverse voltage
Symbol
MIN.
TYP.
MAX.
UNIT
I
O
I
FSM
I
R
C
J
A
A
μA
pF
1.5
50
5.0
O
V
= V
T = 25 C
R
RRM
J
O
V
= V
T = 100 C
R
RRM
J
25
100
*1 Repetitive peak reverse voltage
*2 RMS voltage
*3 Continuous reverse voltage
*4 Maximum forward voltage@I =1.5A
F
*5 Maximum Reverse recovery time, note 1
Storage temperature
T
STG
OC
+175
-65
FR151
FR152
FR153
50
100
200
35
70
140
SYMBOLS
V
RRM
(V)
V
RMS
V
R
(V)
(V)
*1
*2
*3
V
F
(V)
*4
FR154
FR155
400
600
280
420
1.30
-55 to +125
t
rr
(ns)
*5
150
50
100
200
400
600
FR156
FR157
800
1000
560
700
800
1000
250
500
O
( C)
Operating
temperature
T ,
J
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
DS-222211
2008/02/10
2010/03/11
C
6
Note 1. Reverse recovery time test condition, IF=0.5A, IR=1.0A, IRR=0.25A
Maximum ratings and Electrical Characteristics (AT T =25
A
oC unless otherwise noted)
Axial Leaded Fast Recovery Rectifiers



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com