Electronic Components Datasheet Search
  English  ▼

X  

SFM22 Datasheet(PDF) 1 Page - Formosa MS

Part # SFM22
Description  Chip Super Fast Rectifiers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SFM22 Datasheet(HTML) 1 Page - Formosa MS

  SFM22 Datasheet HTML 1Page - Formosa MS SFM22 Datasheet HTML 2Page - Formosa MS SFM22 Datasheet HTML 3Page - Formosa MS SFM22 Datasheet HTML 4Page - Formosa MS SFM22 Datasheet HTML 5Page - Formosa MS SFM22 Datasheet HTML 6Page - Formosa MS SFM22 Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Page 1
Formosa MS
SFM21 THRU SFM28
1
2
2
2
2
3
4
4
4
5
6
6
7
List
List.................................................................................................
Package outline...............................................................................
Features..........................................................................................
Maximum ratings .............................................................................
Rating and characteristic curves........................................................
Pinning information...........................................................................
Marking...........................................................................................
Suggested solder pad layout.............................................................
Packing information..........................................................................
Reel packing....................................................................................
Suggested thermal profiles for soldering processes.............................
High reliability test capabilities...........................................................
Mechanical data...............................................................................
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
DS-121404
2008/02/10
2011/11/18
F
7
Chip Super Fast Rectifiers


Similar Part No. - SFM22

ManufacturerPart #DatasheetDescription
logo
Formosa MS
SFM22 FORMOSA-SFM22 Datasheet
60Kb / 7P
Chip Super Fast Rectifiers
SFM22-B FORMOSA-SFM22-B Datasheet
95Kb / 7P
2.0A Surface Mount Super Fast Rectifiers-50-600V
SFM22-BS FORMOSA-SFM22-BS Datasheet
63Kb / 7P
Chip Super Fast Rectifiers
SFM22-L FORMOSA-SFM22-L Datasheet
92Kb / 2P
Chip Silicon Rectifier - Super fast recovery type
SFM22-L FORMOSA-SFM22-L Datasheet
60Kb / 7P
Chip Super Fast Rectifiers
More results

Similar Description - SFM22

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
RL4A BILIN-RL4A Datasheet
55Kb / 2P
SUPER FAST RECTIFIERS
logo
Formosa MS
SFM11-MH1 FORMOSA-SFM11-MH1 Datasheet
58Kb / 7P
Chip Super Fast Rectifiers
SFM21 FORMOSA-SFM21 Datasheet
60Kb / 7P
Chip Super Fast Rectifiers
SFM21-BS FORMOSA-SFM21-BS Datasheet
63Kb / 7P
Chip Super Fast Rectifiers
SFM31-BS FORMOSA-SFM31-BS Datasheet
59Kb / 7P
Chip Super Fast Rectifiers
SFM51 FORMOSA-SFM51 Datasheet
59Kb / 7P
Chip Super Fast Rectifiers
SFM11-M FORMOSA-SFM11-M_17 Datasheet
58Kb / 7P
Chip Super Fast Rectifiers
SFM21-L FORMOSA-SFM21-L_17 Datasheet
60Kb / 7P
Chip Super Fast Rectifiers
SFM31 FORMOSA-SFM31_17 Datasheet
59Kb / 7P
Chip Super Fast Rectifiers
SFM51 FORMOSA-SFM51_17 Datasheet
59Kb / 7P
Chip Super Fast Rectifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com