Electronic Components Datasheet Search
  English  ▼

X  

SFM58 Datasheet(PDF) 3 Page - Formosa MS

Part # SFM58
Description  Chip Super Fast Rectifiers
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SFM58 Datasheet(HTML) 3 Page - Formosa MS

  SFM58 Datasheet HTML 1Page - Formosa MS SFM58 Datasheet HTML 2Page - Formosa MS SFM58 Datasheet HTML 3Page - Formosa MS SFM58 Datasheet HTML 4Page - Formosa MS SFM58 Datasheet HTML 5Page - Formosa MS SFM58 Datasheet HTML 6Page - Formosa MS SFM58 Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Page 3
Rating and characteristic curves (SFM51 THRU SFM58)
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
DS-121456
2012/11/06
-
A
7
FIG.1-TYPICAL FORWARD
CHARACTERISTICS
FORWARD VOLTAGE,(V)
(+)
(+)
25Vdc
(approx.)
( )
( )
PULSE
GENERATOR
(NOTE 2)
OSCILLISCOPE
(NOTE 1)
1
NON-
INDUCTIVE
W
NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF.
2. Rise Time= 10ns max., Source Impedance= 50 ohms.
+0.5A
0
-0.25A
-1.0A
|
|
|
|
|
|
|
|
1cm
SET TIME BASE FOR
50 / 10ns / cm
trr
D.U.T.
FIG.3- TEST CIRCUIT DIAGRAM AND REVERSE
RECOVERY TIME CHARACTERISTICS
10
NONINDUCTIVE
50
NONINDUCTIVE
W
W
FIG.2-TYPICAL FORWARD CURRENT
DERATING CURVE
LEAD TEMPERATURE ( C)
°
FIG.4-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
FIG.5-TYPICAL JUNCTION CAPACITANCE
1.0
2.0
3.0
4.0
5.0
6.0
0
0
25
50
75
100
125
150
175
P.C.B. Mounted on
0.32 x 0.32 (8 mm x 8 mm)
""
Copper Pad Areas
04
.
06
.
08
.
10
.
12
.
14
.
100
10
001
.
01
.
10
.
16
.
18
.
PULSE WIDTH-300 us
2% DUTY CYCLE
Tj=25 C
°
NUMBER OF CYCLES AT 60Hz
1
2
5
10
20
100
50
0
25
50
125
75
100
150
T=25 C
J
8.3ms Single Half
Sine Wave
JEDEC method
REVERSE VOLTAGE,(V)
140
120
100
80
60
40
20
0
.01
.05
.1
.5
1
5
10
50
100



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com