Electronic Components Datasheet Search
  English  ▼

X  

MBRB2045CT Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # MBRB2045CT
Description  TO-263 Plastic package Schottky diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

MBRB2045CT Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  MBRB2045CT Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. MBRB2045CT Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. MBRB2045CT Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. MBRB2045CT Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. MBRB2045CT Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. MBRB2045CT Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MBRB2045CT
Rev.E May.-2016
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Reverse Voltage
VRRM
VRWM
VDC
45
V
RMS Reverse Voltage
VRMS
31.5
V
Average forward rectified Current
IF(AV)
2×10
A
Non Repetitive Peak Surge Current
IFSM
200
A
Thermal Resistance Junction to Case
RθJc
2.2
/W
℃
Junction and Storage Temperature Range
Tj Tstg
-55~+150
℃
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Reverse Voltage
V(BR)R
IR =1mA
Ta=25℃
45
V
Peak Forward Voltage
VFM
IF =5.0A
Ta=25℃
0.60
V
IF =5.0A
Ta=125℃
0.50
V
IF =10A
Ta=25℃
0.70
V
IF =10A
Ta=125℃
0.60
V
Instantaneous Reverse Current
IR
(
Note 1)
VR=45V Ta=25℃
100
uA
VR=45V Ta=125℃
15
mA
注/Notes:
1. 使用极短的测试时间,以尽量减少自热效应。/Short duration pulse test used to minimize self-heating
effect.
2. 除非特别注明,数值为一个芯片的参数。/ Unless otherwise noted, values for the parameters of a
single chip.
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com