Electronic Components Datasheet Search
  English  ▼

X  

MT9174 Datasheet(PDF) 21 Page - Mitel Networks Corporation

Part # MT9174
Description  Digital Subscriber Interface Circuit with RxSB
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITEL [Mitel Networks Corporation]
Direct Link  http://www.mitel.com
Logo MITEL - Mitel Networks Corporation

MT9174 Datasheet(HTML) 21 Page - Mitel Networks Corporation

Back Button MT9174 Datasheet HTML 14Page - Mitel Networks Corporation MT9174 Datasheet HTML 15Page - Mitel Networks Corporation MT9174 Datasheet HTML 16Page - Mitel Networks Corporation MT9174 Datasheet HTML 17Page - Mitel Networks Corporation MT9174 Datasheet HTML 18Page - Mitel Networks Corporation MT9174 Datasheet HTML 19Page - Mitel Networks Corporation MT9174 Datasheet HTML 20Page - Mitel Networks Corporation MT9174 Datasheet HTML 21Page - Mitel Networks Corporation MT9174 Datasheet HTML 22Page - Mitel Networks Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
Preliminary Information
MT9173/74
9-157
Figure 21 - Data Timing for Slave Modem Mode
Figure 22 - RxSB Timing for DN MAS Mode
AC Electrical Characteristics† - RxSB Timing - DN MAS Mode (Figure 22)
* Typical figures are at 25
°C, for design aid only: not guaranteed and not subject to production testing.
Characteristics
Sym
Min
Typ*
Max
Units
Test Conditions
1
RxSB Delay
tRXD
81.4
us
0 km, 160kB
35.8
us
0 km, 80kB
126
us
4 km, 24 AWG, 160kB
85
us
4 km, 26 AWG, 80kB
TCK
Di
CDI
CDo
Do
2.4V
0.4V
2.0V
0.8V
2.4V
0.4V
2.4V
0.4V
tDS
tDH
tTD
tTD
RCK
tCP
F0
RxSB
tRXD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com