Electronic Components Datasheet Search
  English  ▼

X  

M2043SS4 Datasheet(PDF) 21 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # M2043SS4
Description  General Specifications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M2043SS4 Datasheet(HTML) 21 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button M2043SS4 Datasheet HTML 17Page - Nihon Kaiheiki Industry Co. Ltd. M2043SS4 Datasheet HTML 18Page - Nihon Kaiheiki Industry Co. Ltd. M2043SS4 Datasheet HTML 19Page - Nihon Kaiheiki Industry Co. Ltd. M2043SS4 Datasheet HTML 20Page - Nihon Kaiheiki Industry Co. Ltd. M2043SS4 Datasheet HTML 21Page - Nihon Kaiheiki Industry Co. Ltd. M2043SS4 Datasheet HTML 22Page - Nihon Kaiheiki Industry Co. Ltd. M2043SS4 Datasheet HTML 23Page - Nihon Kaiheiki Industry Co. Ltd. M2043SS4 Datasheet HTML 24Page - Nihon Kaiheiki Industry Co. Ltd. M2043SS4 Datasheet HTML 25Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Series M
Angle PC Mount Miniature Toggles
A72
A
www.nkkswitches.com
External connection must be
made during field installation.
The SP3T model utilizes a
double pole base.
External connection must be
made during field installation.
The DP3T model utilizes a
four pole base.
(out)
(out)
(out)
(out)
(out)
(out)
External
Conn
Common
(in)
Common
(in)
1
2
4
7
10
12
96
3
5
8
11
(out)
63
2
1
4
5
(out)
(out)
External
Conn
Common
(in)
POLES & CIRCUITS
Toggle Position
( ) = Momentary
Connected Terminals
Throw & Schematics
Pole
Model
Down
Center
Up
Down
Center
Up
SP
M2012
M2013
M2015
M2018
M2019
ON
ON
ON
(ON)
ON
NONE
OFF
NONE
OFF
OFF
ON
ON
(ON)
(ON)
(ON)
2-3
OPEN
2-1
SPDT
DP
M2022
ON
NONE
ON
2-3 5-6
OPEN
2-1 5-4
DPDT
M2023
ON
OFF
ON
M2025
ON
NONE
(ON)
M2028
(ON)
OFF
(ON)
M2029
ON
OFF
(ON)
3P
M2032
ON
NONE
ON
2-3 5-6
8-9
OPEN
2-1 5-4
8-7
3PDT
M2033
ON
OFF
ON
M2035
ON
NONE
(ON)
M2038
(ON)
OFF
(ON)
M2039
ON
OFF
(ON)
4P
M2042
ON
NONE
ON
2-3 5-6
8-9 11-12
OPEN
2-1 5-4
8-7 11-10
4PDT
M2043
ON
OFF
ON
M2045
ON
NONE
(ON)
M2048
(ON)
OFF
(ON)
M2049
ON
OFF
(ON)
Note: Terminal numbers are not actually on
the switch.
* Reverse circuits available for vertical
mount SP & DP upon request.
*
*
*
*
Keyway
Keyway
2 (COM)
1
3
11
10
12
7
9
4
6
1
3
2
58
(COM)
2
5
(COM)
8
31
64 97
4
6
1
3
25
(COM)
1 (out)
4 (out) 6 (out)
2 (in)
3
5
External
Connection
1 (out)
4 (out) 6 (out)
2 (in)
3
5
External
Connection
1 (out)
4 (out) 6 (out)
2 (in)
3
5
External
Connection
1 (out)
4 (out) 6 (out) 7 (out)
10 (out) 12 (out)
8 (in)
2 (in)
39
511
External
Connection
External
Connection
1 (out)
4 (out) 6 (out) 7 (out)
10 (out) 12 (out)
8 (in)
2 (in)
39
511
External
Connection
External
Connection
1 (out)
4 (out) 6 (out) 7 (out)
10 (out) 12 (out)
8 (in)
2 (in)
39
511
External
Connection
External
Connection
For 3 Throw (3-On)
Connected Terminals & Schematics
Pole Model Down Center Up
Down
Center
Up
SP
M2024
M2026
M2027
ON
(ON)
ON
ON
ON
ON
ON
(ON)
(ON)
DP
M2044
M2046
M2047
ON
(ON)
ON
ON
ON
ON
ON
(ON)
(ON)
2-3 5-6
2-3 5-4
2-1 5-4
2-3 5-6
2-3 5-4
2-1 5-4
8-9 11-12
8-9 11-10
8-7 11-10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com