Electronic Components Datasheet Search
  English  ▼

X  

NA72 Datasheet(PDF) 1 Page - ams AG

Part # NA72
Description  NA72 is a 7-input NAND gate with 2x drive strength
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

NA72 Datasheet(HTML) 1 Page - ams AG

  NA72 Datasheet HTML 1Page - ams AG NA72 Datasheet HTML 2Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NA72 is a 7-input NAND gate with 2x drive strength.
Truth Table
Q
D
B
C
E
F
G
A
Capacitance
AB
C
D
E
F
G
Q
Ci (pF)
L
XXX
XX
X
H
A
0.034
X
L
XX
XX
X
H
B
0.023
XX
L
X
XX
X
H
C
0.031
XXX
L
X
X
X
H
D
0.036
XXXX
L
X
X
H
E
0.025
XXXX
X
L
X
H
F
0.027
XXXX
XX
L
H
G
0.031
HHHH
HH
H
L
Area
Power
1.22 mils
2
4.23 µW / MHz
Delay [ns] = tpd.. = f(SL, L)
with SL = Input Slope [ns] ; L = Output Load [pF]
Output Slope [ns] = op_sl.. = f(L)
with L = Output Load [pF]
AC Characteristics :
Tj = 25°C
VDD = 3.3V
Typical Process
AC Characteristics
Characteristics
Symbol
SL = 0.1
SL = 2.0
L = 0.2
L = 1.4
L = 2.0
L = 0.2
L = 1.4
L = 2.0
Delay A to Q
tpdar
1.03
2.39
3.11
1.38
2.75
3.40
tpdaf
0.89
2.02
2.58
0.99
2.13
2.66
Delay B to Q
tpdbr
1.09
2.44
3.17
1.45
2.82
3.53
tpdbf
0.92
2.05
2.60
0.96
2.11
2.63
Delay C to Q
tpdcr
1.14
2.49
3.22
1.52
2.91
3.59
tpdcf
0.93
2.07
2.59
0.89
2.03
2.57
Delay D to Q
tpddr
0.97
2.33
3.00
1.32
2.68
3.42
tpddf
0.88
2.01
2.59
0.95
2.06
2.61
Delay E to Q
tpder
1.05
2.40
3.14
1.42
2.77
3.51
tpdef
0.93
2.04
2.63
0.95
2.10
2.65
Delay F to Q
tpdfr
1.13
2.47
3.22
1.50
2.84
3.58
tpdff
0.95
2.09
2.64
0.93
2.06
2.60
Delay G to Q
tpdgr
1.22
2.59
3.30
1.57
2.96
3.60
tpdgf
0.96
2.08
2.67
0.89
2.02
2.57
Output Slope A to Q
op_slar
0.96
5.30
7.31
0.91
5.13
7.51
op_slaf
0.73
3.72
5.08
0.73
3.62
4.97
Sept. 1996
- 242 -
Rev. N/C
Austria Mikro S ysteme International
R
0.6 µm CMOS
CUB
NA72
NA72


Similar Part No. - NA72

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
NA720 AXIOMTEK-NA720 Datasheet
290Kb / 1P
IntelR XeonR processor D-1527/PentiumR processor D1508 onboard (Broadwell-DE)
NA720-RAMI-US AXIOMTEK-NA720-RAMI-US Datasheet
290Kb / 1P
IntelR XeonR processor D-1527/PentiumR processor D1508 onboard (Broadwell-DE)
logo
Nisshinbo Micro Devices...
NA7200 NISSHINBO-NA7200 Datasheet
976Kb / 37P
3 Phase Brushless DC Motor Control IC
Ver.1.1
NA7200BEAE2S NISSHINBO-NA7200BEAE2S Datasheet
976Kb / 37P
3 Phase Brushless DC Motor Control IC
Ver.1.1
logo
Axiomtek Co., Ltd.
NA720 AXIOMTEK-NA720_17 Datasheet
289Kb / 1P
1U Rackmount Network Appliance Platform with Intel짰 Xeon짰 Processor D-1527
More results

Similar Description - NA72

ManufacturerPart #DatasheetDescription
logo
ams AG
NA53 AMSCO-NA53 Datasheet
9Kb / 1P
NA53 is a 5-input NAND gate with 3x drive strength
OR62 AMSCO-OR62 Datasheet
13Kb / 2P
OR62 is a 6-input OR gate with 2x drive strength
logo
List of Unclassifed Man...
DF82 ETC-DF82 Datasheet
9Kb / 1P
DF82 is a static, master-slave D flip-flop with 2x drive strength
logo
ams AG
EO12 AMSCO-EO12 Datasheet
9Kb / 1P
EO12 is a 2-input EXCLUSIVE-OR (XOR) gate with 2x drive strength
OR22 AMSCO-OR22 Datasheet
8Kb / 1P
2-input OR gate with 2x drive strength
INA22 AMSCO-INA22 Datasheet
10Kb / 1P
2-input NAND gate with one inverted input 2x drive strength
OR73 AMSCO-OR73 Datasheet
13Kb / 2P
7-input OR gate with 3x drive strength.
logo
List of Unclassifed Man...
EN13 ETC-EN13 Datasheet
10Kb / 1P
EN13 is a 2-input EXCLUSIVE-NOR (XNOR) gate with 3x drive strength.
NA82 ETC1-NA82 Datasheet
13Kb / 2P
NA82 is an 8-input NAND gate with 2x drive strength.
logo
ams AG
AND52 AMSCO-AND52 Datasheet
12Kb / 1P
5-input AND gate with 2x drive strength.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com