Electronic Components Datasheet Search
  English  ▼

X  

M2011SS2 Datasheet(PDF) 15 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # M2011SS2
Description  General Specifications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M2011SS2 Datasheet(HTML) 15 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button M2011SS2 Datasheet HTML 11Page - Nihon Kaiheiki Industry Co. Ltd. M2011SS2 Datasheet HTML 12Page - Nihon Kaiheiki Industry Co. Ltd. M2011SS2 Datasheet HTML 13Page - Nihon Kaiheiki Industry Co. Ltd. M2011SS2 Datasheet HTML 14Page - Nihon Kaiheiki Industry Co. Ltd. M2011SS2 Datasheet HTML 15Page - Nihon Kaiheiki Industry Co. Ltd. M2011SS2 Datasheet HTML 16Page - Nihon Kaiheiki Industry Co. Ltd. M2011SS2 Datasheet HTML 17Page - Nihon Kaiheiki Industry Co. Ltd. M2011SS2 Datasheet HTML 18Page - Nihon Kaiheiki Industry Co. Ltd. M2011SS2 Datasheet HTML 19Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
Series M
Bracket PC Mount Miniature Toggles
A66
A
www.nkkswitches.com
SMALL TOGGLES
Important:
Toggle length changes based on
bushing selected. All illustrations
are shown with .350” (8.9mm)
long bushing. When using a .280”
(7.1mm) long bushing, toggle length
increases .070” (1.78mm).
Standard Material & Finish:
Brass with Bright Chrome
Contact factory for optional finishes.
25°
(2.5)
.098
(6.5)
.256
(4.2)
.165
25°
(3.1) Dia
.122
(14.0)
.550
25°
(3.1) Dia
.122
(16.26)
.640
25°
(3.1) Dia
.122
(21.3)
.840
.550” (14.0mm)
Cone
Q
.640” (16.26mm)
Cone
Q2
.840” (21.3mm)
Cone
Q4
.256” (6.5mm)
Flatted
E2
(5.0)
.197
25°
(21.3)
.840
(2.5)
.098
.840” (21.3mm)
Flatted
E4
Toggle Position
( ) = Momentary
Connected Terminals
Throw & Schematics
Pole
Model
Down
Center
Up
Down
Center
Up
SP
M2012
M2013
M2015
M2018
M2019
ON
ON
ON
(ON)
ON
NONE
OFF
NONE
OFF
OFF
ON
ON
(ON)
(ON)
(ON)
2-3
OPEN
2-1
SPDT
DP
M2022
M2023
M2025
M2028
M2029
ON
ON
ON
(ON)
ON
NONE
OFF
NONE
OFF
OFF
ON
ON
(ON)
(ON)
(ON)
2-3 5-6
OPEN
2-1 5-4
DPDT
POLES & CIRCUITS
Keyway
Keyway
For 3 Throw (3-On)
Pole
Model
Connected Terminals & Schematics
External Connection
Down
Center
Up
SP
M2024
M2026
M2027
ON
(ON)
ON
ON
ON
ON
ON
(ON)
(ON)
2-3 5-6
2-3 5-4
2-1 5-4
External
connection
must be made
during field
installation.
The SP3T model utilizes
a double pole base.
(out)
63
2
1
4
5
(out)
(out)
External
Conn
Common
(in)
1 (out)
4 (out) 6 (out)
2 (in)
3
5
External
Connection
1 (out)
4 (out) 6 (out)
2 (in)
3
5
External
Connection
1 (out)
4 (out) 6 (out)
2 (in)
3
5
External
Connection
POLES & CIRCUITS
Note: Terminal numbers are not
actually on the switch.
.413”
(10.5mm)
Bat
S
.256”
(6.5mm)
Bat
S3
25°
(2.8) Dia
.110
(10.5)
.413
(5.08)
.200
25°
(2.54)
.100
(11.4)
.450
.450”
(11.4mm)
Flatted
E
.200”
(5.08mm)
Bat
S2
(2.7) Dia
.106
25°
(5.08)
.200
(6.5)
.256
(2.7) Dia
.106
25°
2 (COM)
1
3
4
6
1
3
25
(COM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com