Electronic Components Datasheet Search
  English  ▼

X  

MBRE560 Datasheet(PDF) 3 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # MBRE560
Description  TO-277 Plastic package Schottky diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

MBRE560 Datasheet(HTML) 3 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  MBRE560 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. MBRE560 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. MBRE560 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. MBRE560 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. MBRE560 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. MBRE560 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MBRE560
Rev.F May.-2016
DATA SHEET
http://www.fsbrec.com
3 / 6
电参数曲线图 / Electrical Characteristic Curve
IF - TC
0
1
2
3
4
5
6
25
50
75
100
125
150
TC(℃)
IFSM
0
20
40
60
80
100
120
140
160
110
100
NO.OF CYCLES AT 60HZ
8.3ms Single Half Sine
Wave Jedec Method
IF - VF
0.1
1
10
100
0
0.2
0.4
0.6
0.8
VF(V)
TA=125
TA=25℃
TA=75℃
TA=100
IR - VR
0.001
0.01
0.1
1
10
100
020
40
60
VR(V)
TA=125℃
TA=100℃
TA=75℃
TA=25℃



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com