Electronic Components Datasheet Search
  English  ▼

X  

M2013SS2 Datasheet(PDF) 14 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # M2013SS2
Description  General Specifications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M2013SS2 Datasheet(HTML) 14 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button M2013SS2 Datasheet HTML 10Page - Nihon Kaiheiki Industry Co. Ltd. M2013SS2 Datasheet HTML 11Page - Nihon Kaiheiki Industry Co. Ltd. M2013SS2 Datasheet HTML 12Page - Nihon Kaiheiki Industry Co. Ltd. M2013SS2 Datasheet HTML 13Page - Nihon Kaiheiki Industry Co. Ltd. M2013SS2 Datasheet HTML 14Page - Nihon Kaiheiki Industry Co. Ltd. M2013SS2 Datasheet HTML 15Page - Nihon Kaiheiki Industry Co. Ltd. M2013SS2 Datasheet HTML 16Page - Nihon Kaiheiki Industry Co. Ltd. M2013SS2 Datasheet HTML 17Page - Nihon Kaiheiki Industry Co. Ltd. M2013SS2 Datasheet HTML 18Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Series M
Bracket PC Mount Miniature Toggles
A65
A
www.nkkswitches.com
TYPICAL SWITCH
ORDERING EXAMPLE
DPDT
ON-NONE-ON Circuit
.350” (8.9mm) Smooth
Bushing with Keyway
Contact Materials & Ratings
W
Silver; Rated
6A @ 125V AC & 3A @ 250V AC
G
Gold; Rated
0.4VA max @ 28V AC/DC max
A
Gold over Silver; Rated
6A @ 125V AC & 0.4VA max @
28V AC/DC max
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
M2022SS2G13-BC
Red Cap on .413”
(10.5mm) Bat Toggle
Terminals
With Bracket
13
.250” (6.35mm) Straight PC with
.465” (11.8mm) Bracket
15
.425” (10.8mm) Straight PC with
.630” (16.0mm) Bracket
17
.964” (24.5mm) Straight PC with
1.150” (29.2mm) Bracket
With Reinforced Bracket
23
.250” (6.35mm) Straight PC with
.465” (11.8mm) Bracket
25
.425” (10.8mm) Straight PC with
.630” (16.0mm) Bracket
26
.750” (19.05mm) Straight PC with
.953” (24.2mm) Bracket
Gold Contacts
with 0.4VA Rating
.250” (6.35mm) Straight PC Terminals
with Bracket .465” (11.8mm) Long
Optional Caps
B
For S Bat Toggle
C
Conical Cap for S Bat Toggle
Cap Colors
A
Black
B
White
C
Red
E
Yellow
F
Green
G
Blue
G
13
B
C
Cap for Locking Lever
No
Code
Nickel Plated Supplied
with Switch
A
Black
C
Red
G
Blue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com