Electronic Components Datasheet Search
  English  ▼

X  

M2011SA1 Datasheet(PDF) 18 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # M2011SA1
Description  General Specifications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M2011SA1 Datasheet(HTML) 18 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button M2011SA1 Datasheet HTML 14Page - Nihon Kaiheiki Industry Co. Ltd. M2011SA1 Datasheet HTML 15Page - Nihon Kaiheiki Industry Co. Ltd. M2011SA1 Datasheet HTML 16Page - Nihon Kaiheiki Industry Co. Ltd. M2011SA1 Datasheet HTML 17Page - Nihon Kaiheiki Industry Co. Ltd. M2011SA1 Datasheet HTML 18Page - Nihon Kaiheiki Industry Co. Ltd. M2011SA1 Datasheet HTML 19Page - Nihon Kaiheiki Industry Co. Ltd. M2011SA1 Datasheet HTML 20Page - Nihon Kaiheiki Industry Co. Ltd. M2011SA1 Datasheet HTML 21Page - Nihon Kaiheiki Industry Co. Ltd. M2011SA1 Datasheet HTML 22Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
Series M
Bracket PC Mount Miniature Toggles
A69
A
www.nkkswitches.com
BRACKET
LENGTH
(9.1)
.358
(6.35)
.250
(1.17)
.046
(1.17) Typ
.046
(4.5)
.177
(4.8)
.189
BRACKET
LENGTH
(4.5)
.177
(4.8)
.189
(4.8)
.189
(12.7)
.500
(1.17) Typ
.046
(1.17) Typ
.046
(6.35)
.250
BRACKET
LENGTH
(4.5)
.177
(4.8)
.189
(4.8)
.189
(3.2)
.126
(12.7)
.500
(1.17) Typ
.046
(1.17) Typ
.046
TYPICAL SWITCH DIMENSIONS
Straight PC • Bracket
Straight PC • Reinforced Bracket
M2012S2A2G13
M2012S2A2G23
Single
Pole
Double
Pole
Double
Pole
Terminal
Code:
Terminal
Length:
Bracket
Length:
13
.250” (6.35mm)
.465” (11.8mm)
15
.425” (10.8mm)
.630” (16.0mm)
17
.964” (24.5mm)
1.150” (29.2mm)
Terminal
Code:
Terminal
Length:
Bracket
Length:
23
.250” (6.35mm)
.465” (11.8mm)
25
.425” (10.8mm)
.630” (16.0mm)
26
.750” (19.05mm)
.953” (24.2mm)
(8.0)
.315
(3.2)
.126
(1.17)
.046
(1.17) Typ
.046
BRACKET
LENGTH
(4.5)
.177
(4.8)
.189
Keyway
(6.86)
.270
(7.1)
.280
(0.9)
.035
(0.5) Typ
.020
(0.8) Typ
.031
(4.7) Typ
.185
(15.8)
.622
TERMINAL
LENGTH
Keyway
(6.86)
.270
(7.1)
.280
(0.9)
.035
(0.5) Typ
.020
(0.8) Typ
.031
(4.7) Typ
.185
(19.05)
.750
TERMINAL
LENGTH
2
1
4
5
6
3
(1.6) Typ
.063
(2.4) Typ
.095
(7.9) Typ
.311
(4.7) Typ
.185
(1.8) Dia Typ
.073
(1.5) Dia Typ
.059
CL
2
1
3
(1.6) Typ
.063
(7.9) Typ
.311
(4.7) Typ
.185
(1.8) Dia Typ
.073
(1.5) Dia Typ
.059
(4.7) Typ
.185
2
1
3
(3.18) Typ
.125
(9.53) Typ
.375
(1.8) Dia Typ
.073
(1.5) Dia Typ
.059
(4.7) Typ
.185
(2.4) Typ
.095
2
1
4
5
6
3
(3.18) Typ
.125
(9.53) Typ
.375
(1.8) Dia Typ
.073
(1.5) Dia Typ
.059
CL
Single
Pole



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com