Electronic Components Datasheet Search
  English  ▼

X  

A701 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # A701
Description  A701: Test slide, various cancers plus corresponding normal
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

A701 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button A701 Datasheet HTML 2Page - List of Unclassifed Manufacturers A701 Datasheet HTML 3Page - List of Unclassifed Manufacturers A701 Datasheet HTML 4Page - List of Unclassifed Manufacturers A701 Datasheet HTML 5Page - List of Unclassifed Manufacturers A701 Datasheet HTML 6Page - List of Unclassifed Manufacturers A701 Datasheet HTML 7Page - List of Unclassifed Manufacturers A701 Datasheet HTML 8Page - List of Unclassifed Manufacturers A701 Datasheet HTML 9Page - List of Unclassifed Manufacturers A701 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
No.
Age
Sex
Specimen
Key word
Pathological information
A701 : test slide, various cancers + corresponding normal tissues
C3
D3*
f
33
uterus(cervix)
invasive squamous
cell carcinoma
Cervix: Invasive squamous cell carcinoma, large cell, keratinizing (invasion depth: 1.1cm)
with focal lymphovascular permeation
C4
D4*
m
64
esophagus
basaloid
carcinoma
Esophagus, esophagectomy:
Basaloid squamous cell carcinoma
with 1) size: 2.7x2.0x2.0cm.
2) expanding growth.
3) involvement at submucosal space and extension to upper border of proper muscle
layer.
4) intact proximal and distal resection margin.
5) no tumor metastasis to upper paraesophageal lymph node (separately
submitted:0/2)
C5
D5*
m
67
stomach
signet ring cell
carcinoma
Stomach, subtotal gastrectomy:
1..Signet ring cell carcinoma
1. Diffuse infiltrative type
2. With extension to serosa and perigastric fat tissue(SE)
3. Frequent lymphatic permeation and perineural invasion
4. Focally mixed with tubular adenocarcinoma, moderately differentiated
5. Mixed type by Lauren's classification and infiltrative type by Ming's classification
2.. Regional lymph nodes, No.3(6/5), No.4(1/1), No.5(0/0), No.6(9/14), No.7(1/9),
No.8(0/3), No.12(0/1), No.13(0/3), No.17(0/2):(17/38): Tumor metastasis in 17 out of 38
nodes.
C6
D6*
m
70
colon
adenocarcinoma
1.Sigmoid colon, radial sigmoid colectomy:
A. Adenocarcinoma, poorly differentiated, ulceroinfiltrative type with extension to
pericolic fat tissue and is very close to lateral margin (about 0.5mm).
B. Tubular adenoma with high grade dysplasia.
Resection margins, proximal and distal: Free of tumor.
2. Regional lymph nodes, principal(0/7), pericolic(2/22):(2/29): Tumor metastasis in 2 out
of 29 lymph nodes.
*: corresponding normal tissues



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com