Electronic Components Datasheet Search
  English  ▼

X  

M2011SD4 Datasheet(PDF) 16 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # M2011SD4
Description  General Specifications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M2011SD4 Datasheet(HTML) 16 Page - Nihon Kaiheiki Industry Co. Ltd.

Back Button M2011SD4 Datasheet HTML 12Page - Nihon Kaiheiki Industry Co. Ltd. M2011SD4 Datasheet HTML 13Page - Nihon Kaiheiki Industry Co. Ltd. M2011SD4 Datasheet HTML 14Page - Nihon Kaiheiki Industry Co. Ltd. M2011SD4 Datasheet HTML 15Page - Nihon Kaiheiki Industry Co. Ltd. M2011SD4 Datasheet HTML 16Page - Nihon Kaiheiki Industry Co. Ltd. M2011SD4 Datasheet HTML 17Page - Nihon Kaiheiki Industry Co. Ltd. M2011SD4 Datasheet HTML 18Page - Nihon Kaiheiki Industry Co. Ltd. M2011SD4 Datasheet HTML 19Page - Nihon Kaiheiki Industry Co. Ltd. M2011SD4 Datasheet HTML 20Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Series M
Bracket PC Mount Miniature Toggles
A67
A
www.nkkswitches.com
.350” (8.9mm)
Smooth with Keyway
SMALL BUSHINGS
.350” (8.9mm)
Threaded with Keyway
S1
S2
A1
(6.5) Dia
.256
(5.6)
.220
(0.6)
.024
(6.5) Dia
.256
(6.5)
.256
(2.2) Dia
.087
Panel Cutouts
.280” (7.1mm)
Smooth with Keyway
.280” (7.1mm)
Threaded with Keyway
A2
For A2, S2, A1,
or S1 Bushing
with Keyway
For A1 or
S1 Bushing
with Locking Ring
Maximum Panel Thickness with
Standard Hardware: .102” (2.6mm)
When using this bushing, toggle length
is increased by .070” (1.78mm).
When using this bushing, toggle length is increased
by .070” (1.78mm). Maximum Panel Thickness
with Standard Hardware: .031” (0.8mm)
Standard Hardware:
2 Hex Nuts (AT513H)
1 Lockwasher (AT509)
1 Locking Ring (AT507H)
For dimensions, see Accessories
& Hardware section.
(8.0) Dia
.315
(2.5)
.098
(0.8)
.031
(7.1)
.280
(0.9)
.035
(6.2) Dia
.244
(0.5)
.020
(8.0) Dia
.315
(2.5)
.098
(0.8)
.031
(8.9)
.350
(0.9)
.035
(6.2) Dia
.244
(0.5)
.020
(8.0) Dia
.315
(2.5)
.098
(0.8)
.031
(8.9)
.350
1/4-40 Thd
(0.9)
.035
(0.5)
.020
(8.0) Dia
.315
(2.5)
.098
(0.8)
.031
(7.1)
.280
1/4-40 Thd
(0.9)
.035
(0.5)
.020
Smooth
with Keyway
LL2
LOCKING LEVER & BUSHING
Locking Mechanism
on-off-on
on-on-on
3 positions lock
on-none-(on)
1 position locks
(on)-off-(on)
(on)-on-(on)
1 position locks
on-none-on
2 positions lock
on-off-(on)
on-on-(on)
2 positions lock
(16.5)
.650
(15.0)
.591
(9.3)
.366
(0.9)
.035
(4.6) Dia
.181
(7.0)
.275
(8.0)
.315
25°
(5.1) Dia
.201
(6.2) Dia
.244
(0.5)
.020
(0.8)
.031
(2.5)
.098
(8.0) Dia
.315
Lever Material & Finish:
Brass with Chrome Plating
Supplied with Cap AT427
Material & Finish:
Brass with Nickel Plating
Cap for Locking Lever
No Code
Color Codes for Optional
Anodized Aluminum Caps
Black
A
Red
C
Blue
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com