Electronic Components Datasheet Search
  English  ▼

X  

OA211 Datasheet(PDF) 1 Page - ams AG

Part # OA211
Description  OA211 is an OR / AND circuit providing the logical function Q = [ (AB).C.D ].
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

OA211 Datasheet(HTML) 1 Page - ams AG

  OA211 Datasheet HTML 1Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
OA211 is an OR/AND circuit providing the logical function Q = [ (A+B).C.D ].
Truth Table
OA211
A
B
C
Q
D
Capacitance
AB
C
D
Q
Ci (pF)
L
L
X
X
L
A
0.064
X
X
L
X
L
B
0.057
X
X
X
L
L
C
0.041
X
H
H
H
H
D
0.046
HX
H
H
H
Area
Power
0.81 mils
2
2.29 µW / MHz
Delay [ns] = tpd.. = f(SL, L)
with SL = Input Slope [ns] ; L = Output Load [pF]
Output Slope [ns] = op_sl.. = f(L)
with L = Output Load [pF]
AC Characteristics :
Tj = 25°C
VDD = 3.3V
Typical Process
AC Characteristics
Characteristics
Symbol
SL = 0.1
SL = 2.0
L = 0.1
L = 0.7
L = 1.0
L = 0.1
L = 0.7
L = 1.0
Delay A to Q
tpdar
0.49
1.85
2.57
0.57
1.91
2.60
tpdaf
0.51
1.61
2.12
0.77
1.85
2.40
Delay B to Q
tpdbr
0.53
1.90
2.58
0.65
1.98
2.68
tpdbf
0.54
1.64
2.17
0.71
1.80
2.34
Delay C to Q
tpdcr
0.58
1.97
2.62
0.63
1.96
2.66
tpdcf
0.65
1.77
2.31
1.01
2.11
2.68
Delay D to Q
tpddr
0.59
1.98
2.63
0.56
1.89
2.58
tpddf
0.70
1.83
2.34
1.08
2.19
2.76
Output Slope A to Q
op_slar
0.95
5.33
7.32
0.90
5.22
7.45
op_slaf
0.66
3.53
4.92
0.68
3.75
4.93
Output Slope B to Q
op_slbr
0.95
5.15
7.55
0.91
5.25
7.51
op_slbf
0.67
3.75
4.95
0.67
3.72
5.00
Output Slope C to Q
op_slcr
0.95
5.32
7.47
0.93
5.23
7.50
op_slcf
0.73
3.63
5.12
0.75
3.60
5.23
Output Slope D to Q
op_sldr
0.96
5.28
7.53
0.93
5.22
7.45
op_sldf
0.75
3.60
5.05
0.75
3.68
5.01
Sept. 1996
- 289 -
Rev. N/C
Austria Mikro S ysteme International
R
0.6 µm CMOS
CUB
OA211


Similar Part No. - OA211

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
OA200 NJSEMI-OA200 Datasheet
351Kb / 1P
TRANSIENT VOLTAGE SUPPRESSOR
OA200 NJSEMI-OA200 Datasheet
351Kb / 1P
GENERAL PURPOSE DIODES
OA200 NJSEMI-OA200 Datasheet
351Kb / 1P
TRANSIENT VOLTAGE SUPPRESSOR
OA200 NJSEMI-OA200 Datasheet
351Kb / 1P
TRANSIENT VOLTAGE SUPPRESSOR
OA200 NJSEMI-OA200 Datasheet
351Kb / 1P
GENERAL PURPOSE DIODES
More results

Similar Description - OA211

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN222 ETC-AN222 Datasheet
15Kb / 2P
AND / NOR circuit providing the logical function Q = NOT (A.BC.DE.F)
logo
ams AG
OA31 AMSCO-OA31 Datasheet
9Kb / 1P
OA31 is an OR / AND circuit providing the logical function Q = [ (ABC)D ]
ON222 AMSCO-ON222 Datasheet
17Kb / 2P
ON222 is an OR / NAND circuit providing the logical function Q = NOT (AB).(CD).(EF)
AO331 AMSCO-AO331 Datasheet
15Kb / 2P
AND / OR circuit providing the logical function Q
logo
List of Unclassifed Man...
OA32 ETC-OA32 Datasheet
15Kb / 2P
OA32 is an OR / AND circuit providing the logical function Q = [ (ABC).(DE) ].
AO211 ETC-AO211 Datasheet
9Kb / 1P
AO211 is an AND / OR circuit providing the logical function Q = (A.BCD).
ON22 ETC-ON22 Datasheet
11Kb / 1P
ON22 is an OR / NAND circuit providing the logical function Q = NOT [ (AB).(CD) ].
OA22 ETC1-OA22 Datasheet
11Kb / 1P
OR / AND circuit providing the logical function Q
ON21 ETC1-ON21 Datasheet
10Kb / 1P
ON21 is an OR / NAND circuit providing the logical function Q = NOT ( (AB) C )
logo
ams AG
AO311 AMSCO-AO311 Datasheet
13Kb / 1P
AO311 is an AND / OR circuit providing the logical function Q = (A.B.CDE).
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com