Electronic Components Datasheet Search
  English  ▼

X  

M2011SD3 Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # M2011SD3
Description  General Specifications
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

M2011SD3 Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  M2011SD3 Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. M2011SD3 Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. M2011SD3 Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. M2011SD3 Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. M2011SD3 Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. M2011SD3 Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. M2011SD3 Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. M2011SD3 Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. M2011SD3 Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
Series M
Bushing Mount Miniature Toggles
A55
A
www.nkkswitches.com
TYPICAL SWITCH
ORDERING EXAMPLE
SPDT
ON-OFF-ON Circuit
1/4–40 .350” (8.9mm)
Threaded Bushing with Keyway
Contact Materials & Ratings
W
Silver; Rated
6A @ 125V AC & 3A @ 250V AC
G
Gold; Rated
0.4VA max @ 28V AC/DC max
A
Gold over Silver; Rated
6A @ 125V AC & 0.4VA max @
28V AC/DC max
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
M2013SS1W01
.413” (10.5mm) Bat Toggle
Terminals
01
Solder Lug
02
Quick Connect
03
.250” (6.35mm) Straight PC
05
.425” (10.8mm) Wirewrap
06
.750” (19.05mm) Wirewrap
07
.964” (24.5mm) Wirewrap
08
1.062” (27.0mm) Wirewrap
Silver Contacts
with 6–Amp Rating
Solder Lug Terminals
Optional Caps
For Small Bat Toggles
B
For S Bat Toggle
C
Conical Cap for S Bat Toggle
For Large Bat Toggles
R
For B Toggle
V
For B2 Toggle
Cap Colors
A
Black
B
White
C
Red
E
Yellow
F
Green
G
Blue
W
01
Cap for Locking Lever
No
Code
Nickel Plated Supplied
with Switch
A
Black
C
Red
G
Blue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com