Electronic Components Datasheet Search
  English  ▼

X  

OPB608 Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OPB608
Description  Reflective Object Sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB608 Datasheet(HTML) 2 Page - OPTEK Technologies

  OPB608 Datasheet HTML 1Page - OPTEK Technologies OPB608 Datasheet HTML 2Page - OPTEK Technologies OPB608 Datasheet HTML 3Page - OPTEK Technologies OPB608 Datasheet HTML 4Page - OPTEK Technologies OPB608 Datasheet HTML 5Page - OPTEK Technologies OPB608 Datasheet HTML 6Page - OPTEK Technologies OPB608 Datasheet HTML 7Page - OPTEK Technologies OPB608 Datasheet HTML 8Page - OPTEK Technologies OPB608 Datasheet HTML 9Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Optek Technology
OPTEK Technology Inc.—
1645 Wallace Drive, Carrollton, Texas 75006
Phone: (800) 341-4747 FAX: (972) 323– 2396 sensors@optekinc.com www.optekinc.com
Absolute Maximum Ratings
TA = 25
o C unless otherwise noted
Storage and Operating Temperature
-40° C to +85° C
Lead Soldering Temperature (1/16” (1.6mm) from case for 5 seconds with soldering iron)
260
° C (1)
Infrared-LED (880nm)
(OPB608A, OPB608B, OPB608C)
Forward DC Current
50 mA
Power Dissipation
75 mW (3)
Reverse DC voltage
2.0 V
Peak Forward Current (1µs pulse width, 300 pps)
3.0 A
Infrared-VCSEL (850nm)
(OPB608V)
Forward DC Current
30 mA
Reverse DC voltage
5.0 V
Power Dissipation
75 mW (3)
Notes:
(1) RMA flux is recommended. Duration can be extended to 10 seconds maximum when flow soldering.
(2) Methanol or isopropanol are recommended as cleaning agents. The plastic housing is soluble in chlorinated hydrocarbons and keytones.
(3) Derate Linearly 1.6 mW/°C above 25°C.
Phototransistor
Collector-Emitter Voltage
30 V
Emitter Reverse Current
10 mA
Collector DC Current
25 mA
Power Dissipation
100 mW (3)
Visible Red-LED (660nm)
(OPB608R)
Forward DC Current
50 mA
Reverse DC voltage
5.0 V
Power Dissipation
100 mW (3)
Reflective Object Sensor
OPB608A, OPB608B, OPB608C, OPB608R, OPB608V
Issue A
06.04
Page 2 of 9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com