Electronic Components Datasheet Search
  English  ▼

X  

AN629 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # AN629
Description  Digitally Adjustable Voltage References
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

AN629 Datasheet(HTML) 4 Page - Maxim Integrated Products

  AN629 Datasheet HTML 1Page - Maxim Integrated Products AN629 Datasheet HTML 2Page - Maxim Integrated Products AN629 Datasheet HTML 3Page - Maxim Integrated Products AN629 Datasheet HTML 4Page - Maxim Integrated Products AN629 Datasheet HTML 5Page - Maxim Integrated Products AN629 Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Table 1. Resistor-Value Selection for the Figure 4 Circuit to Achieve 0.5% Accuracy
Output
(volts)
R1
(kilohms)
R2
(kilohms)
RP
(kilohms)
Accuracy
(percent)
2.048
200
301
50
0.5
2.500
309
301
50
0.5
4.096
732
301
50
0.5
5.000
976
301
50
0.5
Fine Adjustment over a Wide Voltage Range
Figure 5 combines the MAX6160 with the MAX5415 (a dual, 100-kilohm, 256-tap digital pot) to
achieve a fine adjustment over a wide output-voltage range. Due to the symmetry in this circuit,
there is some redundancy, making only 25% of the settings unique. With this interesting
topology, the output can be set to within 0.06% of 2.048V, 0.03% of 2.500V, 0.08% of 4.096V,
and 0.2% of 5.00V. Because of the interaction between the two pots, the transfer function is
nonlinear in two dimensions, resulting in a response that resembles a saddle. A plot of this is
shown in Figure 6, where 32-tap digital pots are used instead of 256-tap digital pots for clarity.
Figure 5. The MAX6160 digitally adjustable voltage reference with the MAX5415, dual, 100-
kilohm, 256-tap digital pot



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com