Electronic Components Datasheet Search
  English  ▼

X  

AN642 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # AN642
Description  Analog-to-Digital Converter Captures 1Gsps
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

AN642 Datasheet(HTML) 4 Page - Maxim Integrated Products

  AN642 Datasheet HTML 1Page - Maxim Integrated Products AN642 Datasheet HTML 2Page - Maxim Integrated Products AN642 Datasheet HTML 3Page - Maxim Integrated Products AN642 Datasheet HTML 4Page - Maxim Integrated Products AN642 Datasheet HTML 5Page - Maxim Integrated Products AN642 Datasheet HTML 6Page - Maxim Integrated Products AN642 Datasheet HTML 7Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.maxim-ic.com/an642
Page 4 of 7
Figure 5. This FFT was measured with the MAX104 undersampling an analog input frequency of 1GHz at
a sampling rate of 1Gsps.
Similar to its analog input structure, the MAX104 features clock inputs designed for either single-ended or
differential operation with very flexible input-drive requirements. Each clock input is terminated with an
on-chip, laser-trimmed, 50
W precision NiCr resistor to the clock-termination return. This termination may
be connected anywhere between ground and -2V for compatibility with standard emitter-coupled-logic
(ECL) drive levels.
The clock inputs are internally buffered with an amplifier to ensure proper operation of the ADC even with
small-amplitude sine-wave sources. The MAX104 was designed for single-ended operation, maintaining
superior dynamic performance when using low-phase-noise sine-wave clock input signals with as little as
100mV amplitude.
To obtain the lowest jitter clock drive, a low-phase-noise sine-wave source can be AC- or DC-coupled into
a single clock input. The MAX104 can accommodate clock amplitudes up to 1V (2V peak-to-peak) with
the clock-termination return connected to ground. The dynamic performance of the ADC is essentially
unaffected by clock signal amplitudes from 100mV to 1V.
The ADC can be driven from a standard differential ECL clock source by simply setting the clock-
termination voltage to -2V. To maintain the best performance, a very- high-speed differential ECL driver
should be used.
Clock inputs CLK+ and CLK- may also be driven with positive referenced ECL (PECL) logic levels if the
clock inputs are AC coupled. A single-ended ECL drive can also be used if the undriven clock input is
connected to the ECL VTT voltage (nominally -1.3V).
Another useful feature of the MAX104 may be its internal output demultiplexer (demux) circuitry. This
circuitry provides three different modes of operation. The demux operation is controlled by two transistor-
transistor-logic (TTL)/complementary-metal-oxide-semiconductor (CMOS)-compatible digital inputs:
DEMUXEN, which activates or deactivates the internal demux, and DIVSELECT, which selects one of
three demux modes (DIV1, DIV2, or DIV4).
The DIV2 (demux) mode reduces the output data rate to one-half the sample clock rate. The demuxed
outputs are presented in dual 8-bit format with two consecutive samples in the primary and auxiliary output



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com