Electronic Components Datasheet Search
  English  ▼

X  

P485 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # P485
Description  SSC P485 PL Transceiver IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

P485 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  P485 Datasheet HTML 1Page - List of Unclassifed Manufacturers P485 Datasheet HTML 2Page - List of Unclassifed Manufacturers P485 Datasheet HTML 3Page - List of Unclassifed Manufacturers P485 Datasheet HTML 4Page - List of Unclassifed Manufacturers P485 Datasheet HTML 5Page - List of Unclassifed Manufacturers P485 Datasheet HTML 6Page - List of Unclassifed Manufacturers P485 Datasheet HTML 7Page - List of Unclassifed Manufacturers P485 Datasheet HTML 8Page - List of Unclassifed Manufacturers P485 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
SSC P485 PL Transceiver IC
July 1998
4
Revision 5
24000828
ADVANCE INFORMATION
SSC P485 Application Examples
The SSC P485 may be used in a wide variety of applications. A typical node connecting to the medium is shown
in Figure 1. A gateway between an RS485 twisted pair network and a DC power line network is shown in Figure
2. A multi-point network application with gateways using the SSC P485 is illustrated in Figure 3. Figure 4
presents a host interface flow diagram showing the major steps necessary to transmit and receive messages
using the P485 IC.
Microprocessor
based Control
Logic
Single
Wire
ILD
WR
RD
SSC P485 PL
Transceiver
SSC P111
Power Line Media
Interface
SO
TS*
SI
DI
RO
input
filter
output
filter
medium
coupler
Figure 1. SSC P485 Typical Node
Microprocessor
based Control
Logic
UART
UART
+
-
D
DE
R
RE*
A
B
RS-485 Transceiver
Twisted
Pair
Single
Wire
Transmit Enable #1
RXD #1
RXD #1
TXD #1
ILD
RXD #2
TXD #2
RXRDY #2
TXRDY #2
DATA 0-7
RXRDY #1
TXRDY #1
TXD #1
RD #1
RD #2
WR #1
WR #2
SSC P485 PL
Transceiver
SSC P111
Power Line Media
Interface
SO
TS*
SI
ILD
DI
RO
input
filter
output
filter
medium
coupler
Figure 2. SSC P485 Gateway



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com