Electronic Components Datasheet Search
  English  ▼

X  

AN884 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # AN884
Description  Miniature Flow Sensor Has Electronic Temperature Compensation
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

AN884 Datasheet(HTML) 4 Page - Maxim Integrated Products

  AN884 Datasheet HTML 1Page - Maxim Integrated Products AN884 Datasheet HTML 2Page - Maxim Integrated Products AN884 Datasheet HTML 3Page - Maxim Integrated Products AN884 Datasheet HTML 4Page - Maxim Integrated Products AN884 Datasheet HTML 5Page - Maxim Integrated Products AN884 Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.maxim-ic.com/an884
Page 4 of 6
The output signal is adjustable between 0.5V and 4.5V (when operating with 5V supplies), and
it accommodates sensor sensitivities of 10mV/V and higher. All coefficients required for
compensation are held in an EEPROM internal to the MAX1458. Thus, the setup is easily and
automatically calibrated via a simple 4-wire serial interface.
Because the relationship between measured differential pressure and liquid flow rate depends
on the liquid's viscosity, which in turn changes with temperature, the MAX1458 provides a
temperature output signal for use in external signal processing. This setup (Figure 4) allows the
measurement of flow rates no higher than 5.5µl/sec. The analog pressure signals, the
temperature sensor terminals, and all other connections are made accessible at a connector for
external post?processing.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com