Electronic Components Datasheet Search
  English  ▼

X  

P6KA11 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # P6KA11
Description  Automotive Transient Voltage Suppressors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P6KA11 Datasheet(HTML) 2 Page - Vishay Siliconix

  P6KA11 Datasheet HTML 1Page - Vishay Siliconix P6KA11 Datasheet HTML 2Page - Vishay Siliconix P6KA11 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
P6KA6.8 thru P6KA43A
Vishay Semiconductors
formerly General Semiconductor
www.vishay.com
Document Number 88368
2
06-May-02
Electrical Characteristics (TA = 25°C unless otherwise noted)
TJ = 150°C
Maximum
Breakdown Voltage
Maximum
Maximum
Peak Pulse
Maximum
Temp.
V(BR)(1) at IT
Test
Stand-off
Reverse
Reverse
Current
Clamping
Coefficient
(V)
Current
Voltage
Leakage
Leakage
IPPM
(2)
Voltage
of
IT
VWM
at VWM
at VWM
at lPPM
V(BR)
Device Type
Min
Max
(A)
(V)
ID (
µA)
ID (
µA)
(A)
VC (V)
(% / °C)
P6KA6.8
6.12
7.48
10
5.50
500
1000
55.6
10.8
0.057
P6KA6.8A
6.45
7.14
10
5.80
500
1000
57.1
10.5
0.057
P6KA7.5
6.75
8.25
10
6.05
250
500
51.3
11.7
0.061
P6KA7.5A
7.13
7.88
10
6.40
250
500
53.1
11.3
0.061
P6KA8.2
7.38
9.02
10
6.63
100
200
48.0
12.5
0.065
P6KA8.2A
7.79
8.61
10
7.02
100
200
49.6
12.1
0.065
P6KA9.1
8.19
10.0
1.0
7.37
25.0
50
43.5
13.8
0.068
P6KA9.1A
8.65
9.55
1.0
7.78
25.0
50
44.8
13.4
0.068
P6KA10
9.00
11.0
1.0
8.10
10.0
20
40.0
15.0
0.073
P6KA10A
9.50
10.5
1.0
8.55
10.0
20
41.4
14.5
0.073
P6KA11
9.90
12.1
1.0
8.92
5.0
5.0
37.0
16.2
0.075
P6KA11A
10.5
11.6
1.0
9.40
5.0
5.0
38.5
15.6
0.076
P6KA12
10.8
13.2
1.0
9.72
2.0
5.0
34.7
17.3
0.076
P6KA12A
11.4
12.6
1.0
10.2
2.0
5.0
35.9
16.7
0.078
P6KA13
11.7
14.3
1.0
10.5
2.0
5.0
31.6
19.0
0.081
P6KA13A
12.4
13.7
1.0
11.1
2.0
5.0
33.0
18.2
0.081
P6KA15
13.5
16.3
1.0
12.1
1.0
5.0
27.3
22.0
0.084
P6KA15A
14.3
15.8
1.0
12.8
1.0
5.0
28.3
21.2
0.084
P6KA16
14.4
17.6
1.0
12.9
1.0
5.0
25.5
23.5
0.086
P6KA16A
15.2
16.8
1.0
13.6
1.0
5.0
26.7
22.5
0.08
P6KA18
16.2
19.8
1.0
14.5
1.0
5.0
22.6
26.5
0.088
P6KA18A
17.1
18.9
1.0
15.3
1.0
5.0
23.8
25.2
0.088
P6KA20
18.0
22.0
1.0
16.2
1.0
5.0
20.6
29.1
0.090
P6KA20A
19.0
21.0
1.0
17.1
1,0
5.0
21.7
27.7
0.090
P6KA22
19.8
24.2
1.0
17.8
1.0
5.0
18.8
31.9
0.092
P6KA22A
20.9
23.1
1.0
18.8
1.0
5.0
19.6
30.6
0.092
P6KA24
21.6
26.4
1.0
19.4
1.0
5.0
17.3
34.7
0.094
P6KA24A
22.8
25.2
1.0
20.5
1.0
5.0
18.1
33.6
0.094
P6KA27
24.3
29.7
1.0
21.8
1.0
5.0
15.3
39.1
0.096
P6KA27A
25.7
28.4
1.0
23.1
1.0
5.0
16.0
37.5
0.096
P6KA30
27.0
33.0
1.0
24.3
1.0
5.0
13.8
43.5
0.097
P6KA30A
28.5
31.5
1.0
25.6
1.0
5.0
14.5
41.4
0.097
P6KA33
29.7
36.3
1.0
26.8
1.0
5.0
12.6
47.7
0.098
P6KA33A
31.4
34.7
1.0
28.2
1.0
5.0
13.1
45.7
0.098
P6KA36
32.4
39.6
1.0
29.1
1.0
5.0
11.5
52.0
0.099
P6KA36A
34.2
37.8
1.0
30.8
1.0
5.0
12.0
49.9
0.099
P6KA39
35.1
42.9
1.0
31.6
1.0
5.0
10.6
56.4
0.100
P6KA39A
37.1
41.0
1.0
33.3
1.0
5.0
11.1
53.9
0.100
P6KA43
38.7
47.3
1.0
34.8
1.0
5.0
9.7
61.9
0.101
P6KA43A
40.9
45.2
1.0
36.8
1.0
5.0
10.1
59.3
0.101
Notes:
(1) V(BR) measured after IT applied for 300
µs. IT=square wave pulse or equivalent
(2) Surge current waveform per Fig. 3 and derate per Fig. 2
(3) All terms and symbols are consistent with ANSI/IEEE C62.35



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com