Electronic Components Datasheet Search
  English  ▼

X  

SD103CW Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # SD103CW
Description  Schottky Diode in a SOD-123 Plastic Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

SD103CW Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  SD103CW Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. SD103CW Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. SD103CW Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. SD103CW Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. SD103CW Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. SD103CW Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SD103AW/BW/CW
Rev.E Jun.-2016
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
SD103AW
SD103BW
SD103CW
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Reverse Voltage
VR
VRRM
VRWM
40
30
20
V
RMS Reverse Voltage
VR(RMS)
28
21
14
V
Non-Repetitive Peak Forward
Current
IFM
350
mA
Non-Repetitive Peak Forward Surge
Current
IFSM
1.5
A
Power Dissipation
PD
400
mW
Typical Thermal Resistance
Junction to Ambient
RθJA
300
℃
/W
Junction and Storage Temperature
Range
Tj,TSTG
-65~125
℃
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Forward Breakdown Voltage
V(BR)R
IR=100μA
VR
V
Peak Forward Voltage
VFM
IF=20mA
0.37
IF=200mA
0.6
Peak Reverse
Current
SD103AW
IRM
VR=30V
5
μA
SD103BW
VR=20V
SD103CW
VR=10V
Total Capacitance
CT
VR=0V
f=1.0MHZ
28
pF
Resistance Range Time
trr
IF=IR=200mA
Irr=0.1×IR
RL=100Ω
10
ns
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com