Electronic Components Datasheet Search
  English  ▼

X  

BAT54 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BAT54
Description  DISCRETE SEMICONDUCTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAT54 Datasheet(HTML) 3 Page - NXP Semiconductors

  BAT54 Datasheet HTML 1Page - NXP Semiconductors BAT54 Datasheet HTML 2Page - NXP Semiconductors BAT54 Datasheet HTML 3Page - NXP Semiconductors BAT54 Datasheet HTML 4Page - NXP Semiconductors BAT54 Datasheet HTML 5Page - NXP Semiconductors BAT54 Datasheet HTML 6Page - NXP Semiconductors BAT54 Datasheet HTML 7Page - NXP Semiconductors BAT54 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2002 Mar 04
3
Philips Semiconductors
Product specification
Schottky barrier (double) diodes
BAT54 series
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
THERMAL CHARACTERISTICS
Note
1. Refer to SOT23 standard mounting conditions.
CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Per diode
VR
continuous reverse voltage
−
30
V
IF
continuous forward current
−
200
mA
IFRM
repetitive peak forward current
tp ≤ 1s; δ≤ 0.5
−
300
mA
IFSM
non-repetitive peak forward current
tp <10ms
−
600
mA
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
125
°C
Per device
Ptot
total power dissipation
Tamb ≤ 25 °C
−
230
mW
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to
ambient
note 1
500
K/W
SYMBOL
PARAMETER
CONDITIONS
MAX.
UNIT
Per diode
VF
forward voltage
see Fig.3
IF = 0.1 mA
240
mV
IF = 1 mA
320
mV
IF = 10 mA
400
mV
IF = 30 mA
500
mV
IF = 100 mA
800
mV
IR
reverse current
VR = 25 V; see Fig.4
2
µA
trr
reverse recovery time
when switched from IF =10mA
to IR = 10 mA; RL = 100 Ω;
measured at IR = 1 mA;
see Fig.6
5ns
Cd
diode capacitance
f = 1 MHz; VR = 1 V; see Fig.5
10
pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com