| Electronic Components Datasheet Search |
|
2SWZ330MR06 Datasheet(PDF) 1 Page - RUBYCON CORPORATION |
|
|
|||||||||||||||||||||||||||||
2SWZ330MR06 Datasheet(HTML) 1 Page - RUBYCON CORPORATION |
|
1 / 2 page ![]() 导电性高分子铝固体电解电容器 CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS SERIES SLG SERIES SWZ/SW SPECIFICATIONS Series 55 105 1.1m 1.9mm 9 15 4.5 25 9 18 9 2,500 3,500 1,800 3,500 2,100 2,700 2.7mm 2.9mm 2 6.3 2 10 47 220 47 330 2 8 2 6.3 68 220 120 470 20% 0.04CV 0.1 • RoHS RoHS Compliance • (260 ) : ( MSL3) Lead free reflow soldering is available (260 ,10sec) : (Available for MSL3) Category Temperature Range( ) Surge Voltage 1.25 Rated voltage X1.25 20% Within 20% of the initial value initial specified value 200% 200% of initial specified value 20% 60% Within -20% +60% of the initial value -20% +40% Within -20% +40% of the initial value 200% 200% of initial specified value 300% 300% of initial specified value C tan LC C tan LC (105 2000 ) Endurance (105 , 2000hrs, Rated Voltage applied) ( ) (60 ,90%RH, 500 ) Damp heat(Steady state) (60 , 90%RH, 500hrs, No-applied voltage) FEATURES SLG : Ultra Low Profile SW : ESR High Capacitance,Low ESR SWZ : ESR High Capacitance,Ultra Low ESR SLG SWZ SW PC-CON Rated Voltage Range(V.DC) Capacitance Range(µF) Capacitance Tolerance(20 , 120Hz) ( 5 ) Leakage Current(µA/after 5 minutes) (tan ) Dissipation Factor(20 , 120Hz) Maximum Allowable Ripple Current(mA r.m.s/100kHz) (ESR) Equivalent Series Resistance(ESR) (m /20 , 100kHz) PC-CON SPICE (netlist) Our website offers the SPICE model (netlist) of PC-CON as the data for simulations. Please make use of various circuit design. For automotive use (AEC-Q200), please inquire our sales offices. PC-CON |
Similar Part No. - 2SWZ330MR06 |
|
Similar Description - 2SWZ330MR06 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |