Electronic Components Datasheet Search
  English  ▼

X  

SD2001 Datasheet(PDF) 1 Page - Sirectifier Semiconductors

Part # SD2001
Description  Discrete Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECTIFIER [Sirectifier Semiconductors]
Direct Link  http://www.sirectifier.com
Logo SIRECTIFIER - Sirectifier Semiconductors

SD2001 Datasheet(HTML) 1 Page - Sirectifier Semiconductors

  SD2001 Datasheet HTML 1Page - Sirectifier Semiconductors SD2001 Datasheet HTML 2Page - Sirectifier Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SD 0
Dim.
A
B
C
D
E
F
G
H
J
K
L
M
N
Q
Milimeter
Min.
Max.
12.70 14.73
14.23 16.51
9.66 10.66
3.54
4.08
5.85
6.85
2.54
3.42
1.15
1.77
-
6.35
0.64
0.89
4.83
5.33
3.56
4.82
0.38
0.56
2.04
2.49
0.64
1.39
Inches
Min.
Max.
0.500 0.580
0.560 0.650
0.380 0.420
0.139 0.161
0.230 0.420
0.100 0.135
0.045 0.070
-
0.250
0.025 0.035
0.190 0.210
0.140 0.190
0.015 0.022
0.080 0.115
0.025 0.055
Dimensions TO-220AC
SD2001
SD2002
SD2004
SD2008
SD2010
SD2012
SD2016
100
200
400
800
1000
1200
1600
100
200
400
800
1000
1200
1600
Sirectifier
VRSM
V
VRRM
V
A=Anode, C=Cathode, TAB=Cathode
C
A
C(TAB)
C
A
Discrete Diodes
Symbol
Test Conditions
Maximum Ratings
Unit
TVJ=45oC;
t=10ms (50Hz), sine
VR =0V;
t=8.3ms (60Hz), sine
TVJ=150oC;
t=10ms(50Hz), sine
VR =0V;
t=8.3ms(60Hz), sine
250
275
225
270
A
IFSM
TVJ=45oC;
t=10ms (50Hz), sine
VR =0V;
t=8.3ms (60Hz), sine
TVJ=150oC;
t=10ms(50Hz), sine
VR =0V;
t=8.3ms(60Hz), sine
330
360
300
320
A2s
I
2t
TVJ
TVJM
Tstg
-40...+150
150
-40...+150
oC
Weight
2
Md
Mounting torque
0.4...0.6
Nm
g
IF(AV)M
TC=95oC; 180o sine
20
A
Symbol
Test Conditions
Characteristic Values
Unit
rT
TVJ=TVJM
13
RthJC
DC current
1.25
K/W
m
IR
TVJ=TVJM; VR=VRRM
< 1
mA
VF
IF=30A; TVJ=25oC
< 1.25
V
VTO
For power-loss calculations only
0.85
V
_
_
P1
©2008 SIRECTIFIER All rights reserved,
Tel: +86-519-86800000 Fax: +86-519-88019019 E-mail: sales@sirectifier.com
www.sirectifier.com


Similar Part No. - SD2001

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
SD200 CALOGIC-SD200 Datasheet
27Kb / 2P
High-Speed Analog N-Channel Enhancement-Mode DMOS FETS
logo
DB Lectro Inc
SD200 DBLECTRO-SD200 Datasheet
421Kb / 2P
Provides transparent RS232 serial cable replacement.
logo
List of Unclassifed Man...
SD200 ETC-SD200 Datasheet
536Kb / 2P
Bluetooth-serial adapter
logo
Astrodyne Corporation
SD200 ASTRODYNE-SD200 Datasheet
778Kb / 3P
200W Single Output DC-DC Converter
logo
Advanced Photonix, Inc.
SD200-11-21-241 ADVANCEDPHOTONIX-SD200-11-21-241 Datasheet
97Kb / 1P
Red Enhanced Silicon Photodiode
More results

Similar Description - SD2001

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD103R IRF-SD103R Datasheet
416Kb / 10P
DISCRETE POWER DIODES and THYRISTORS
logo
Sirectifier Semiconduct...
SD30 SIRECTIFIER-SD30 Datasheet
202Kb / 2P
Discrete Diodes
SD45 SIRECTIFIER-SD45 Datasheet
109Kb / 2P
Discrete Diodes
SDD10 SIRECTIFIER-SDD10 Datasheet
127Kb / 1P
Discrete Diodes
SDD25 SIRECTIFIER-SDD25 Datasheet
75Kb / 1P
Discrete Diodes
SD10 SIRECTIFIER-SD10 Datasheet
225Kb / 2P
Discrete Diodes
SD30 SIRECTIFIER-SD30_16 Datasheet
212Kb / 2P
Discrete Diodes
SD250 SIRECTIFIER-SD250 Datasheet
180Kb / 2P
Discrete Diodes
SD300 SIRECTIFIER-SD300 Datasheet
215Kb / 2P
Discrete Diodes
SD400 SIRECTIFIER-SD400 Datasheet
342Kb / 2P
Discrete Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com