Electronic Components Datasheet Search
  English  ▼

X  

BU808 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # BU808
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER DARLINGTON
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BU808 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  BU808 Datasheet HTML 1Page - List of Unclassifed Manufacturers BU808 Datasheet HTML 2Page - List of Unclassifed Manufacturers BU808 Datasheet HTML 3Page - List of Unclassifed Manufacturers BU808 Datasheet HTML 4Page - List of Unclassifed Manufacturers BU808 Datasheet HTML 5Page - List of Unclassifed Manufacturers BU808 Datasheet HTML 6Page - List of Unclassifed Manufacturers BU808 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
THERMAL DATA
Rthj-ca se
Thermal Resistance Junction-case
Max
2.4
oC/W
ELECTRICAL CHARACTERISTICS (Tcase =25
oC unless otherwise specified)
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
ICES
Collector Cut -of f
Current (VBE =0)
VCE = 1400 V
400
µA
ICEX
Collector Cut -of f
Current (VBE =-5V)
VCE = 1000 V
400
µA
IEBO
Emitt er Cut -of f Current
(IC =0)
VEB =5 V
100
mA
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC =5 A
IB =0.5 A
1.6
V
VBE(s at)
∗ Base-Emitter
Saturation Voltage
IC =5 A
IB =0.5 A
2.1
V
hFE
∗
DC Current Gain
IC =5 A
VCE =5 V
IC =5 A
VCE =5 V
Tj =100
oC
60
20
270
ts
tf
INDUCTIVE LO AD
St orage Time
Fall Time
VCC =150 V
IC =5 A
IB1 =0.5 A
VBEoff =-5 V
3
0.8
µs
µs
ts
tf
INDUCTIVE LO AD
St orage Time
Fall Time
VCC =150 V
IC =5 A
IB1 =0.5 A
VBEoff =-5 V
Tj =100
oC
2
0.8
µs
µs
VF
Diode F orward Voltage
IF =5 A
3
V
∗ Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
Safe Operating Area
Thermal Impedance
BU808DFI
2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com