Electronic Components Datasheet Search
  English  ▼

X  

PI3DBV40AE Datasheet(PDF) 8 Page - Pericom Semiconductor Corporation

Part # PI3DBV40AE
Description  3.3V, Wide Bandwidth, 4-Channel, 2:1 Mux/DeMux Video Switch with Single Enable
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3DBV40AE Datasheet(HTML) 8 Page - Pericom Semiconductor Corporation

  PI3DBV40AE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3DBV40AE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3DBV40AE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3DBV40AE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3DBV40AE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3DBV40AE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3DBV40AE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3DBV40AE Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
PS8709B
07/22/04
PI3DBV40
3.3V, Wide Bandwidth, 4-Channel,
2:1 Mux/DeMux Video Switch with Single Enable
Packaging Mechanical: 48-Pin TSSOP (A)
.236
.244
.488
.496
.002
.006
SEATING PLANE
.007
.010
.0197
BSC
.004
.008
.319
1
48
12.4
12.6
6.0
6.2
0.50
0.17
0.27
8.1
0.05
0.15
0.09
0.20
X.XX
X.XX
DENOTES DIMENSIONS
IN MILLIMETERS
.018
.030
0.45
0.75
.047
1.20 Max
BSC
Notes:
1. Thermal characteristics can be found on the company web site at www.pericom.com/packaging/.
Ordering Information
Ordering Code
Package Code
Package Description
PI3DBV40A
A
48-pin 240 mil wide plastic TSSOP
PI3DBV40AE
A
Pb-free, 48-pin 240 mil wide plastic TSSOP
Pericom Semiconductor Corporation • 1-800-435-2336 • www.pericom.com



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com