Electronic Components Datasheet Search
  English  ▼

X  

1062913 Datasheet(PDF) 6 Page - SICK AG

Part # 1062913
Description  SAFETY LIGHT CURTAINS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1062913 Datasheet(HTML) 6 Page - SICK AG

  1062913 Datasheet HTML 1Page - SICK AG 1062913 Datasheet HTML 2Page - SICK AG 1062913 Datasheet HTML 3Page - SICK AG 1062913 Datasheet HTML 4Page - SICK AG 1062913 Datasheet HTML 5Page - SICK AG 1062913 Datasheet HTML 6Page - SICK AG 1062913 Datasheet HTML 7Page - SICK AG 1062913 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
deTec4 Core Set 30/900 | deTec4 Core
SAFETY LIGHT CURTAINS
Recommended accessories
Other models and accessories
www.sick.com/deTec4_Core
Brief description
Type
Part no.
Device protection (mechanical)
1 piece, self-adhesive protective film for the front screen (protects sensors from dam-
age by flying sparks and welding beads)
Self-adhesive
protective film
2069268
Terminal and alignment brackets
4 pieces, FlexFix bracket, plastic, can be aligned ± 15°, including screw M5, Plastic
BEF-1SHABPKU4
2066614
2 pieces, QuickFix bracket, Plastic
BEF-3SHABPKU2
2066048
Adapters and distributors
CANopen, T-piece
DSC-1205T000025KM0
6030664
Plug connectors and cables
Head A: female connector, M12, 5-pin, straight
Head B: cable
Cable: Power, I/O, drag chain use, PUR, halogen-free, unshielded, 2 m
DOL-1205-G02MC
6025906
Head A: female connector, M12, 5-pin, straight
Head B: cable
Cable: drag chain use, PUR, halogen-free, unshielded, 5 m
DOL-1205-G05MC
6025907
Head A: female connector, M12, 5-pin, straight
Head B: cable
Cable: drag chain use, PUR, halogen-free, unshielded, 10 m
DOL-1205-G10MC
6025908
Head A: female connector, M12, 5-pin, straight
Head B: cable
Cable: drag chain use, PUR, halogen-free, unshielded, 20 m
DOL-1205-G20MC
6050247
Head A: female connector, M12, 5-pin, straight
Head B: cable
Cable: drag chain use, PUR, halogen-free, unshielded, 30 m
DOL-1205-G30MC
6050248
Head A: female connector, M12, 5-pin, angled
Head B: cable
Cable: Power, I/O, drag chain use, PUR, halogen-free, unshielded, 2 m
DOL-1205-W02MC
6025909
Head A: female connector, M12, 5-pin, angled
Head B: cable
Cable: drag chain use, PUR, halogen-free, unshielded, 5 m
DOL-1205-W05MC
6025910
Head A: female connector, M12, 5-pin, angled
Head B: cable
Cable: drag chain use, PUR, halogen-free, unshielded, 10 m
DOL-1205-W10MC
6025911
Head A: female connector, M12, 5-pin, straight, A-coding
Head B: male connector, M12, 5-pin, straight, A-coding
Cable: digital I/Os, drag chain use, PUR, halogen-free, unshielded, 5 m
DSL-1205-G05MC
6029282
Head A: female connector, M12, 5-pin, straight, A-coding
Head B: male connector, M12, 5-pin, straight, A-coding
Cable: digital I/Os, drag chain use, PUR, halogen-free, unshielded, 10 m
DSL-1205-G10MC
6038954
Head A: female connector, M12, 5-pin, straight, A-coding
Head B: male connector, M12, 5-pin, straight, A-coding
Cable: digital I/Os, drag chain use, PUR, halogen-free, unshielded, 15 m
DSL-1205-G15MC
6038956
6
OPTO-ELECTRONIC PROTECTIVE DEVICES | SICK
Online data sheet | 2017-08-21 16:38:06
Subject to change without notice



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com