Electronic Components Datasheet Search
  English  ▼

X  

BY251 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BY251
Description  3.0 AMPS. Silicon Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

BY251 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BY251 Datasheet HTML 1Page - List of Unclassifed Manufacturers BY251 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
- 298 -
BY251 THRU BY255
3.0 AMPS. Silicon Rectifiers
Voltage Range
200 to 1300 Volts
Current
3.0Amperes
Features
a Low forward voltage drop
a High current capability
a High reliability
a High surge current capability
Mechanical Data
a Cases: Molded plastic
a Epoxy: UL 94V-O rate flame retardant
a Lead: Axial leads, solderable per MIL-
Lead: STD-202, Method 208 guaranteed
a Polarity: Color band denotes cathode end
a High temperature soldering guaranteed:
250°C/10 seconds/.375”,(9.5mm) lead
lengths at 5 lbs., (2.3kg) tension
a Weight: 1.2 grams
DO-201AD
Dimensions in inches and (millimeters)
Maximum Ratings and Electrical Characteristics
Rating at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
BY251
BY252
BY253
BY254
BY255
Units
Maximum Recurrent Peak Reverse Voltage
200
400
600
800
1300
V
Maximum RMS Voltage
140
280
420
560
910
V
Maximum DC Blocking Voltage
200
400
600
800
1300
V
Maximum Average Forward Rectified Current
. 375 (9.5mm) Lead Length @TA = 75°C
3.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated Load
(JEDEC method )
150
A
Maximum Instantaneous Forward Voltage
@ 3.0A
1.0
V
Maximum DC Reverse Current @ TA=25°C
at Rated DC Blocking Voltage @ TA=100°C
5.0
100
uA
uA
Maximum Full Load Reverse Current, Full
Cycle Average .375”(9.5mm) Lead Length
@TL=75°C
30
uA
Typical Junction Capacitance
( Note 1 )
50
pF
Typical Thermal Resistance R
ÛJA ( Note 2 )
18
°C/W
Operating Temperature Range TJ
-65 to +150
°C
Storage Temperature Range TSTG
-65 to +150
°C
Notes: 1. Measured at 1 MHz and Applied Reverse Voltage of 4.0 V D.C.
Notes: 2. Thermal Resistance from Junction to Ambient .375” (9.5mm) Lead Length.


Similar Part No. - BY251

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BY251 PANJIT-BY251 Datasheet
67Kb / 2P
MEDIUM CURRENT PLASTIC RECTIFIER(VOLTAGE - 200 to 1300 Volts CURRENT - 3.0 Amperes)
logo
Transys Electronics
BY251 TRSYS-BY251 Datasheet
128Kb / 2P
MEDIUM CURRENT PLASTIC RECTIFIER
logo
Jinan Gude Electronic D...
BY251 JGD-BY251 Datasheet
144Kb / 2P
3.0 AMP.SILICON RECTIFIERS
logo
Semtech Corporation
BY251 SEMTECH-BY251 Datasheet
99Kb / 2P
PLASTIC SILICON RECTIFIERS
logo
Bytes
BY251 BYTES-BY251 Datasheet
150Kb / 2P
3.0 AMP SILICON RECTIFIERS
More results

Similar Description - BY251

ManufacturerPart #DatasheetDescription
logo
Surge Components
1N5400 SURGE-1N5400 Datasheet
121Kb / 2P
3.0 AMPS. SILICON RECTIFIERS?
logo
Jinan Gude Electronic D...
1N5400 JGD-1N5400 Datasheet
148Kb / 2P
3.0 AMPS. SILICON RECTIFIERS
logo
Taiwan Semiconductor Co...
1N5400 TSC-1N5400 Datasheet
66Kb / 2P
3.0 AMPS. Silicon Rectifiers
1N5400 TSC-1N5400_1 Datasheet
242Kb / 2P
3.0 AMPS. Silicon Rectifiers
BY251 TSC-BY251 Datasheet
65Kb / 2P
3.0 AMPS. Silicon Rectifiers
logo
Yangzhou yangjie electr...
1N5400 YANGJIE-1N5400 Datasheet
696Kb / 2P
3.0 AMPS. SILICON RECTIFIERS
BY251 YANGJIE-BY251 Datasheet
692Kb / 2P
3.0 AMPS. SILICON RECTIFIERS
logo
Taiwan Semiconductor Co...
1N5400 TSC-1N5400_10 Datasheet
1Mb / 2P
3.0 AMPS. Silicon Rectifiers
BY251 TSC-BY251_10 Datasheet
515Kb / 2P
3.0 AMPS. Silicon Rectifiers
1N5400 TSC-1N5400_11 Datasheet
228Kb / 2P
3.0 AMPS. Silicon Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com