Electronic Components Datasheet Search
  English  ▼

X  

1062921 Datasheet(PDF) 2 Page - SICK AG

Part # 1062921
Description  SAFETY LIGHT CURTAINS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1062921 Datasheet(HTML) 2 Page - SICK AG

  1062921 Datasheet HTML 1Page - SICK AG 1062921 Datasheet HTML 2Page - SICK AG 1062921 Datasheet HTML 3Page - SICK AG 1062921 Datasheet HTML 4Page - SICK AG 1062921 Datasheet HTML 5Page - SICK AG 1062921 Datasheet HTML 6Page - SICK AG 1062921 Datasheet HTML 7Page - SICK AG 1062921 Datasheet HTML 8Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
deTec4 Core Set 30/2100 | deTec4 Core
SAFETY LIGHT CURTAINS
Ordering information
Type
Part no.
deTec4 Core Set 30/2100
1062921
Included in delivery: C4C-SEA21030A10000 (1), DOL-1205-G05MC (1), BEF-1SHABPKU4 (1), UE48-2OS2D2 (1)
Other models and accessories
www.sick.com/deTec4_Core
Detailed technical data
Features
System part
Sender/receive pair with FlexFix bracket, connecting cable, and UE48-2OS safety relay
Resolution
30 mm
Protective field height
2,100 mm
Scanning range
Minimum 0 m ... 10 m
Typical 0 m ... 12 m
Response time
14 ms
Synchronization
Optical synchronisation
Safety-related parameters
Type
Type 4 (IEC 61496)
Safety integrity level
SIL3 (IEC 61508)
SILCL3 (EN 62061)
Category
Category 4 (EN ISO 13849)
Performance level
PL e (EN ISO 13849)
PFHD (mean probability of a dangerous fail-
ure per hour)
3,7 x 10-9 (EN ISO 13849)
TM (mission time)
20 years (EN ISO 13849)
Safe state in the event of a fault
At least one OSSD is in the OFF state.
Interfaces
System connection
Connection type Male connector M12, 5-pin
Permitted cable length ≤ 50 m
Fieldbus, industrial network
Integration via Flexi Soft safety controller CANopen, DeviceNet™, EtherCAT®, EtherNet/IP™, Modbus TCP, PROFIBUS DP, PROFINET 1)
1) For additional information on Flexi Soft -> www.sick.com/Flexi_Soft.
2
OPTO-ELECTRONIC PROTECTIVE DEVICES | SICK
Online data sheet | 2017-06-21 19:55:04
Subject to change without notice



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com