Electronic Components Datasheet Search
  English  ▼

X  

PI5C3400 Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation

Part # PI5C3400
Description  4-Bit, 4-Port Bus Exchange Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5C3400 Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation

  PI5C3400 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5C3400 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5C3400 Datasheet HTML 3Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PI5C3400
4-BIT, 4-PORT BUS
EXCHANGESWITCH
193
PS8191
05/07/98
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Power Supply Characteristics
Parameters Description
Test Conditions
(1)
Min.
Typ
(2)
Max.
Units
ICC
Quiescent Power
VCC= Max.
VIN = GND or VCC
0.1
3.0
µA
Supply Current
∆ICC
Supply Current per
VCC = Max.
VIN = 3.4V
(3)
2.5
mA
Input @ TTL HIGH
ICCD
Supply Current per
VCC = Max.,
0.25
mA/
Input per MHz
(4)
A and B Pins Open
MHz
BE=GND
Control Input Toggling
50% Duty Cycle
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device.
2. Typical values are at Vcc = 5.0V, +25°C ambient.
3. Per TTL driven input (VIN = 3.4V, control inputs only); A and B pins do not contribute to Icc.
4. This current applies to the control inputs only and represent the current required to switch internal capacitance at the specified
frequency. The A and B inputs generate no significant AC or DC currents as they transition. This parameter is not tested, but is
guaranteed by design.
Switching Characteristics over Operating Range
PI5C3400
Com.
Parameters
Description
Conditions(1)
Min.
Max.
Unit
tPLH
Propagation Delay(2,3)
CL = 50 pF
0.25
ns
tPHL
Ax to Cx, Bx to Dx
RL = 500
Ω
tPZH
Bus Enable Time
1.5
6.5
ns
tPZL
BE to Cx or Dx
tPHZ
Bus Disable Time
1.5
5.5
ns
tPLZ
BE to Cx or Dx
tBX
Bus Exchange Time
1.5
6.5
ns
BXX to Cx or Dx
Notes:
1. See test circuit and waveforms.
2. This parameter is guaranteed but not tested on Propagation Delays.
3. The bus switch contributes no propagational delay other than the RC delay of the ON resistance of the switch and the load
capacitance. The time constant for the switch alone is of the order of 0.25 ns for 50 pF load. Since this time constant is much
smaller than the rise/fall times of typical driving signals, it adds very little propagational delay to the system. Propagational delay
of the bus switch when used in a system is determined by the driving circuit on the driving side of the switch and its interaction
with the load on the driven side.
Pericom Semiconductor Corporation
2380 Bering Drive • San Jose, CA 95131 • 1-800-435-2336 • Fax (408) 435-1100 • http://www.pericom.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com