Electronic Components Datasheet Search
  English  ▼

X  

PI5V332W Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI5V332W
Description  Low On-Resistance Wideband/Video Quad with Individual Control
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5V332W Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI5V332W Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5V332W Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5V332W Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5V332W Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5V332W Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5V332W Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5V332W Datasheet HTML 7Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
PS8118A
08/23/04
Block Diagram
Features:
• High-performance, low-cost solution to switch between
video sources
• Wide bandwidth: 250 MHz
• Low On-Resistance: 3Ω
• Low crosstalk at 10 MHz: –58 dB
• Ultra-low quiescent power (0.1µA typical)
• Single supply operation: +5.0V
• Fast switching: 10ns
• High-current output: 100mA
• Functionally equivalent to QS4A101
• Packaging (Pb-free & Green available):
– 16-pin 150-mil wide plastic QSOP (Q)
– 16-pin 150-mil wide plastic SOIC (W)
PI5V332
Low On-Resistance Wideband/Video
Quad with Individual Control
Description:
Pericom Semiconductor’s PI5V332 is a true bidirectional Quad
Video Switch that is recommended for RGB, S-Video, or com-
posite video switching applications. The individual controls allow
for video, Hsync, or Vsync enable or disable. The switch can be
drivenfromacurrentoutputRAMDACorvoltageoutputcomposite
video source.
LowOn-Resistanceandwidebandwidth makeitidealforvideoand
other applications. Also this device has exceptionally high current
capability which is far greater than most analog switches offered
today. A single 5V supply is all that is required for operation.
ThePI5V332offersahigh-performance,low-costsolutiontoswitch
between video sources.
Truth Table
IN1
IN2
IN3
IN4
Function
0
X
X
X
SA - DA
X
0
X
X
SB - DB
X
X
0
X
SC - DC
X
X
X
0
SD - DD
1
1
1
1
Disconnect
Pin Description
Pin Name
Description
SX
Analog Video I/O (Usually Inputs)
INX
Select Inputs
DAX
Analog Video I/O (Usually Outputs)
GND
Ground
VCC
Power Supply
Pin Configuration
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
NIC
IN1
SA
DA
IN2
SB
DB
GND
VCC
IN4
SD
DD
IN3
SC
DC
NIC
IN4
SD
IN3
SC
IN2
SB
IN1
SA
DA
DB
DC
DD


Similar Part No. - PI5V332W

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5V330 PERICOM-PI5V330 Datasheet
426Kb / 9P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
logo
Tiger Electronic Co.,Lt...
PI5V330 TGS-PI5V330 Datasheet
466Kb / 9P
Quad SPDT Wide-Bandwidth Video Switch with Low On-state Resistance
logo
Pericom Semiconductor C...
PI5V330A PERICOM-PI5V330A Datasheet
299Kb / 7P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PI5V330AQ PERICOM-PI5V330AQ Datasheet
299Kb / 7P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PI5V330AQE PERICOM-PI5V330AQE Datasheet
299Kb / 7P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
More results

Similar Description - PI5V332W

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG641 VISHAY-DG641 Datasheet
103Kb / 10P
Low On-Resistance Wideband/Video Switches
06-Sep-99
logo
Pericom Semiconductor C...
PI5V330 PERICOM-PI5V330 Datasheet
426Kb / 9P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
PI5V330A PERICOM-PI5V330A Datasheet
299Kb / 7P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
logo
Integrated Device Techn...
IDTVS330 IDT-IDTVS330 Datasheet
168Kb / 10P
LOW ON-RESISTANCE WIDEBAND/VIDEO QUAD 2-CH
logo
Vishay Siliconix
DG641 VISHAY-DG641_11 Datasheet
321Kb / 18P
Low On-Resistance Wideband/Video Switches
31-Jan-11
logo
Pericom Semiconductor C...
PI5V330SWE PERICOM-PI5V330SWE Datasheet
839Kb / 8P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
logo
Unisonic Technologies
US5V330 UTC-US5V330 Datasheet
170Kb / 6P
WIDEBAND/VIDEO QUAD 2-CHANNEL MUX/DEMUX WITH LOW ON-RESISTANCE
logo
Vishay Siliconix
DG642DJ-E3 VISHAY-DG642DJ-E3 Datasheet
327Kb / 18P
Low On-Resistance Wideband/Video Switches
31-Jan-11
logo
Pericom Semiconductor C...
PI5V330 PERICOM-PI5V330_13 Datasheet
863Kb / 8P
Low On-Resistance Wideband/Video Quad 2-Channel Mux/DeMux
logo
Vishay Siliconix
DG641 VISHAY-DG641_V01 Datasheet
260Kb / 17P
Low On-Resistance Wideband/Video Switches
31-Jan-11
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com