Electronic Components Datasheet Search
  English  ▼

X  

ISO7760 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7760
Description  High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7760 Datasheet(HTML) 12 Page - Texas Instruments

Back Button ISO7760 Datasheet HTML 8Page - Texas Instruments ISO7760 Datasheet HTML 9Page - Texas Instruments ISO7760 Datasheet HTML 10Page - Texas Instruments ISO7760 Datasheet HTML 11Page - Texas Instruments ISO7760 Datasheet HTML 12Page - Texas Instruments ISO7760 Datasheet HTML 13Page - Texas Instruments ISO7760 Datasheet HTML 14Page - Texas Instruments ISO7760 Datasheet HTML 15Page - Texas Instruments ISO7760 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
12
ISO7760, ISO7761
ISO7762, ISO7763
SLLSER1A – AUGUST 2017 – REVISED AUGUST 2017
www.ti.com
Product Folder Links: ISO7760 ISO7761 ISO7762 ISO7763
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
VCCI = Input-side VCC
6.12 Supply Current Characteristics—3.3-V Supply
VCC1 = VCC2 = 3.3 V ±10% (over recommended operating conditions unless otherwise noted).
PARAMETER
TEST CONDITIONS
SUPPLY
CURRENT
MIN
TYP
MAX
UNIT
ISO7760
Supply current - DC
signal
VI = VCC1 (ISO7760);
VI = 0 V (ISO7760 with F suffix)
ICC1
1.6
2.2
mA
ICC2
3
4.8
VI = 0 V (ISO7760);
VI = VCC1 (ISO7760 with F suffix)
ICC1
8
11.4
ICC2
3.3
5.3
Supply current - AC
signal
All channels switching with square wave
clock input; CL = 15 pF
1 Mbps
ICC1
4.9
6.6
mA
ICC2
3.4
5.3
10 Mbps
ICC1
5
6.7
ICC2
5.5
7.8
100 Mbps
ICC1
6.3
8.2
ICC2
26
33
ISO7761
Supply current - DC
signal
VI = VCCI
(1) (ISO7761);
VI = 0 V (ISO7761 with F suffix)
ICC1
1.8
2.7
mA
ICC2
2.7
4.7
VI = 0 V (ISO7761);
VI = VCCI (ISO7761 with F suffix)
ICC1
7.6
10.3
ICC2
4.2
6.6
Supply current - AC
signal
All channels switching with square wave
clock input; CL = 15 pF
1 Mbps
ICC1
4.7
6.5
mA
ICC2
3.7
5.7
10 Mbps
ICC1
5.1
7
ICC2
5.5
7.8
100 Mbps
ICC1
9.6
12
ICC2
23.8
29
ISO7762
Supply current - DC
signal
VI = VCCI (ISO7762);
VI = 0 V (ISO7762 with F suffix)
ICC1
2.1
3.2
mA
ICC2
2.5
4.2
VI = 0 V (ISO7762);
VI = VCCI (ISO7762 with F suffix)
ICC1
6.6
9.4
ICC2
5
7.5
Supply current - AC
signal
All channels switching with square wave
clock input; CL = 15 pF
1 Mbps
ICC1
4.4
6.2
mA
ICC2
3.9
5.8
10 Mbps
ICC1
5.2
7.1
ICC2
5.4
7.5
100 Mbps
ICC1
13.3
16.5
ICC2
20.3
25
ISO7763
Supply current - DC
signal
VI = VCCI (ISO7763);
VI = 0 V (ISO7763 with F suffix)
ICC1, ICC2
2.3
3.7
mA
VI = 0 V (ISO7763);
VI = VCCI (ISO7763 with F suffix)
ICC1, ICC2
5.9
8.4
Supply current - AC
signal
All channels switching with square wave
clock input; CL = 15 pF
1 Mbps
ICC1, ICC2
4.2
6.2
mA
10 Mbps
ICC1, ICC2
5.3
7.5
100 Mbps
ICC1, ICC2
16.7
20.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com