Electronic Components Datasheet Search
  English  ▼

X  

ISO7760FDW Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7760FDW
Description  High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7760FDW Datasheet(HTML) 34 Page - Texas Instruments

Back Button ISO7760FDW Datasheet HTML 30Page - Texas Instruments ISO7760FDW Datasheet HTML 31Page - Texas Instruments ISO7760FDW Datasheet HTML 32Page - Texas Instruments ISO7760FDW Datasheet HTML 33Page - Texas Instruments ISO7760FDW Datasheet HTML 34Page - Texas Instruments ISO7760FDW Datasheet HTML 35Page - Texas Instruments ISO7760FDW Datasheet HTML 36Page - Texas Instruments ISO7760FDW Datasheet HTML 37Page - Texas Instruments ISO7760FDW Datasheet HTML 38Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
15-Aug-2017
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
ISO7760DW
ACTIVE
SOIC
DW
16
40
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
-55 to 125
ISO7760
ISO7760DWR
ACTIVE
SOIC
DW
16
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
-55 to 125
ISO7760
ISO7760FDW
ACTIVE
SOIC
DW
16
40
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
-55 to 125
ISO7760F
ISO7760FDWR
ACTIVE
SOIC
DW
16
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-2-260C-1 YEAR
-55 to 125
ISO7760F
ISO7761DW
PREVIEW
SOIC
DW
16
40
TBD
Call TI
Call TI
-55 to 125
ISO7761DWR
PREVIEW
SOIC
DW
16
2000
Green (RoHS
& no Sb/Br)
Call TI
Level-2-260C-1 YEAR
-55 to 125
ISO7761
ISO7761FDW
PREVIEW
SOIC
DW
16
40
TBD
Call TI
Call TI
-55 to 125
ISO7761FDWR
PREVIEW
SOIC
DW
16
2000
TBD
Call TI
Call TI
-55 to 125
ISO7762DW
PREVIEW
SOIC
DW
16
40
TBD
Call TI
Call TI
-55 to 125
ISO7762DWR
PREVIEW
SOIC
DW
16
2000
TBD
Call TI
Call TI
-55 to 125
ISO7762FDW
PREVIEW
SOIC
DW
16
40
TBD
Call TI
Call TI
-55 to 125
ISO7762FDWR
PREVIEW
SOIC
DW
16
2000
TBD
Call TI
Call TI
-55 to 125
ISO7763DW
PREVIEW
SOIC
DW
16
40
TBD
Call TI
Call TI
-55 to 125
ISO7763DWR
PREVIEW
SOIC
DW
16
2000
TBD
Call TI
Call TI
-55 to 125
ISO7763FDW
PREVIEW
SOIC
DW
16
40
Green (RoHS
& no Sb/Br)
Call TI
Level-2-260C-1 YEAR
-55 to 125
ISO7763F
ISO7763FDWR
PREVIEW
SOIC
DW
16
2000
TBD
Call TI
Call TI
-55 to 125
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) RoHS: TI defines "RoHS" to mean semiconductor products that are compliant with the current EU RoHS requirements for all 10 RoHS substances, including the requirement that RoHS substance
do not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, "RoHS" products are suitable for use in specified lead-free processes. TI may
reference these types of products as "Pb-Free".
RoHS Exempt: TI defines "RoHS Exempt" to mean products that contain lead but are compliant with EU RoHS pursuant to a specific EU RoHS exemption.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com