Electronic Components Datasheet Search
  English  ▼

X  

ISO7760FDWR Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7760FDWR
Description  High-Speed, Robust EMC, Reinforced Six-Channel Digital Isolators
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7760FDWR Datasheet(HTML) 22 Page - Texas Instruments

Back Button ISO7760FDWR Datasheet HTML 18Page - Texas Instruments ISO7760FDWR Datasheet HTML 19Page - Texas Instruments ISO7760FDWR Datasheet HTML 20Page - Texas Instruments ISO7760FDWR Datasheet HTML 21Page - Texas Instruments ISO7760FDWR Datasheet HTML 22Page - Texas Instruments ISO7760FDWR Datasheet HTML 23Page - Texas Instruments ISO7760FDWR Datasheet HTML 24Page - Texas Instruments ISO7760FDWR Datasheet HTML 25Page - Texas Instruments ISO7760FDWR Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
22
ISO7760, ISO7761
ISO7762, ISO7763
SLLSER1A – AUGUST 2017 – REVISED AUGUST 2017
www.ti.com
Product Folder Links: ISO7760 ISO7761 ISO7762 ISO7763
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
See Table 2 for detailed isolation ratings.
8.3 Feature Description
Table 1 lists the device features.
Table 1. Device Features
PART NUMBER
CHANNEL DIRECTION
MAXIMUM
DATA RATE
DEFAULT
OUTPUT
PACKAGE
RATED ISOLATION(1)
ISO7760
6 Forward,
0 Reverse
100 Mbps
High
DW-16
5000 VRMS / 8000 VPK
DBQ-16
2500 VRMS / 3600 VPK
ISO7760 with F suffix
6 Forward,
0 Reverse
100 Mbps
Low
DW-16
5000 VRMS / 8000 VPK
DBQ-16
2500 VRMS / 3600 VPK
ISO7761
5 Forward,
1 Reverse
100 Mbps
High
DW-16
5000 VRMS / 8000 VPK
DBQ-16
2500 VRMS / 3600 VPK
ISO7761 with F suffix
5 Forward,
1 Reverse
100 Mbps
Low
DW-16
5000 VRMS / 8000 VPK
DBQ-16
2500 VRMS / 3600 VPK
ISO7762
4 Forward,
2 Reverse
100 Mbps
High
DW-16
5000 VRMS / 8000 VPK
DBQ-16
2500 VRMS / 3600 VPK
ISO7762 with F suffix
4 Forward,
2 Reverse
100 Mbps
Low
DW-16
5000 VRMS / 8000 VPK
DBQ-16
2500 VRMS / 3600 VPK
ISO7763
3 Forward,
3 Reverse
100 Mbps
High
DW-16
5000 VRMS / 8000 VPK
DBQ-16
2500 VRMS / 3600 VPK
ISO7763 with F suffix
3 Forward,
3 Reverse
100 Mbps
Low
DW-16
5000 VRMS / 8000 VPK
DBQ-16
2500 VRMS / 3600 VPK
8.3.1 Electromagnetic Compatibility (EMC) Considerations
Many applications in harsh industrial environment are sensitive to disturbances such as electrostatic discharge
(ESD), electrical fast transient (EFT), surge and electromagnetic emissions. These electromagnetic disturbances
are regulated by international standards such as IEC 61000-4-x and CISPR 22. Although system-level
performance and reliability depends, to a large extent, on the application board design and layout, the ISO776x
family of devices incorporates many chip-level design improvements for overall system robustness. Some of
these improvements include:
•
Robust ESD protection for input and output signal pins and inter-chip bond pads.
•
Low-resistance connectivity of ESD cells to supply and ground pins.
•
Enhanced performance of high voltage isolation capacitor for better tolerance of ESD, EFT and surge events.
•
Bigger on-chip decoupling capacitors to bypass undesirable high energy signals through a low impedance
path.
•
PMOS and NMOS devices isolated from each other by using guard rings to avoid triggering of parasitic
SCRs.
•
Reduced common mode currents across the isolation barrier by ensuring purely differential internal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com