Electronic Components Datasheet Search
  English  ▼

X  

BCX70K Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # BCX70K
Description  Silicon NPN transistor in a SOT-23 Plastic Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

BCX70K Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  BCX70K Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. BCX70K Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. BCX70K Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. BCX70K Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. BCX70K Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. BCX70K Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BCX70K
Rev.F Apr.-2017
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Collector to Base Voltage
VCBO
45
V
Collector to Emitter Voltage
VCEO
45
V
Emitter to Base Voltage
VEBO
5.0
V
Collector Current(DC)
IC
200
mA
Collector Power Dissipation
PC
350
mW
Storage Temperature Range
Tstg
-55~150
℃
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Collector-Emitter Breakdown
Voltage
VCEO
IC=2.0mA
IE=0
45
V
Emitter to Base Breakdown Voltage
VEBO
IE=1.0μA
IC=0
5.0
V
Collector-Emitter Cut-off Current
ICES
VCB=32 V
IBE=0
0.02
μA
Emitter Base Cut-Off Current
IEBO
VEB=4.0V
IC=0
0.02
μA
hFE(1)
VCE=5.0V
IC=2.0mA
380
630
hFE(2)
VCE=5.0V
IC=10μA
100
DC Current Gain
hFE(3)
VCE=1.0V
IC=50mA
100
VCE(sat)(1) IC=10mA
IB=0.25mA
0.35
V
Collector to Emitter Saturation
Voltage
VCE(sat)(2) IC=50mA
IB=1.25mA
0.55
V
VBE(sat) (1) IC=10mA
IB=0.25mA
0.6
0.85
V
Base to Emitter Saturation Voltage
VBE(sat) (2) IC=50mA
IB=1.25mA
0.7
1.05
V
Base-Emitter On Voltage
VBE(on) VCE=5.0V
IC=2.0mA
0.55
0.75
V
Transition Frequency
fT
VCE=5.0V
IC=10mA
f=100MHz
125
MHz
Output Capacitance
Cob
VCB=10V
f=1.0MHz
4.5
pF
Noise Figure
NF
VCE=5.0V
IC=0.2mA
Rg=2.0kΩ
f=1.0MHz
6.0
dB
Turn-On Time
ton
IC=10mA
IB1=1.0mA
150
ns
Turn-Off Time
toff
IB2=1.0mA
VBB=3.6V
R1=R2=5.0KΩ
RL=990Ω
800
ns
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com