Electronic Components Datasheet Search
  English  ▼

X  

BT151 Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # BT151
Description  Thyristor in a TO-220 Plastic Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

BT151 Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  BT151 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. BT151 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. BT151 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. BT151 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. BT151 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. BT151 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BT151
Rev.D Mar.-2016
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
-500R
-650R
-800R
Repetitive peak off-state voltages
VDRM
VRRM
500
650
800
V
Average on-state current
IT(AV)
7.5
A
RMS on-state current
IT(RMS)
12
A
Non-repetitive peak on-state current
ITSM(t=10ms)
100
A
Non-repetitive peak on-state current
ITSM(t=8.3ms)
110
A
I
2
t for fusing
I
2t(t=10ms)
50
A
2S
Repetitive rate of rise of on-state current after
triggering
dIT/dt
50
A/μs
Peak gate current
IGM
2
A
Peak gate voltage
VGM
5
V
Peak reverse gate voltage
V
RGM
5
V
Peak gate power
PGM
5
W
Average gate power
(Over any 20 ms period)
PG(AV)
0.5
W
Operating Junction Temperature
Tj
125
℃
Storage Temperature Range
Tstg
-40~150
℃
Thermal resistance junction to ambient
Rth(j-a)
60
K/W
Thermal resistance junction to mounting base
Rth(j-mb)
1.3
K/W
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Gate trigger current
IGT
VD=12V
IT=0.1A
2
15
mA
Latching current
IL
VD=12V
IGT=0.1A
10
40
mA
Holding current
IH
VD=12V
IGT=0.1A
7
20
mA
On-state voltage
VT
IT=23A
1.4
1.75
V
Gate trigger voltage
VGT
VD=12V
IT=0.1A
0.6
1.5
V
VD=VDRM(max)
IT=0.1A
Tj=125℃
0.25
0.4
Off-state leakage current
ID,IR
VD=VDRM(max)
VR=VRRM(max)
Tj=125℃
0.1
0.5
mA
Gate controlled turn-on
time
tgt
ITM=40A
VD=VDRM IG=0.1A
dIg/dt=5A/μs
2
μs
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com