Electronic Components Datasheet Search
  English  ▼

X  

BTA06F Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # BTA06F
Description  Triac in a TO-220F Plastic Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

BTA06F Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  BTA06F Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. BTA06F Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. BTA06F Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. BTA06F Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. BTA06F Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. BTA06F Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd. BTA06F Datasheet HTML 7Page - Foshan Blue Rocket Electronics Co.,Ltd. BTA06F Datasheet HTML 8Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
BTA06F
Rev.E Mar.-2016
DATA SHEET
http://www.fsbrec.com
2 / 8
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Repetitive peak off-state voltages
VDRM/VRRM
600 and 800
V
RMS on-state current(full sine wave
TC=105℃)
IT(RMS)
6.0
A
Non repetitive surge peak on-state
current(full cycle, Tj initial = 25℃)
ITSM(F=50Hz
t=20ms)
60
A
Non repetitive surge peak on-state
current(full cycle, Tj initial = 25℃)
ITSM(F=60Hz
t=16.7ms)
63
A
I2t Value for fusing
I2t(tp=10ms)
21
A2s
Critical rate of rise of on-state current IG
2xIGT tr ≤100 ns(F=120Hz Tj=125℃)
dI/dt
50
A/μs
Peak gate current(tp =20μs Tj=125℃)
IGM
4.0
A
Average gate power dissipation(Tj=125℃)
PG(AV)
1.0
W
Operating junction temperature range
Tj
-40~125
℃
Storage junction temperature range
Tstg
-40~150
℃
Junction to ambient
Rth(j-a)
60
/W
℃
Junction to case (AC)
Rth(j-c)
2.7
/W
℃
符号
Symbol
测试条件
Test Conditions
信号区
Quadrant
BTA06F
单位
Unit
TW
SW
CW
BW
IGT
(1)
VD=12V RL=30Ω
I-II-III
Max.
5
10
35
50
mA
VGT
VD=12V RL=30Ω
I-II-III
Max.
1.3
V
VGD
VD=VDRM RL=3.3KΩ
Tj=125℃
I-II-III
Min.
0.2
V
IH
(2)
IT=100mA
Max.
10
15
35
50
mA
IL
IG=1.2IGT
I-III
Max.
10
25
50
70
mA
II
15
30
60
80
(dV/dt)(2)
VD=67% VDRM gate open Tj=125℃
Min.
20
40
400
1000
V/μs
(dI/dt)c(2)
(dV/dt)c=0.1V/μs Tj=125℃
Min.
2.7
3.5
-
-
A/m s
(dV/dt)c=10V/μs Tj=125℃
Min.
1.2
2.4
-
-
Without snubber Tj=125℃
Min.
-
-
3.5
5.3
Note 1:minimum IGT is guaranted at 5% of IGT max.
Note 2:for both polarities of A2 referenced to A1.
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)
免缓冲器和逻辑电平(3象限) / Snubberless and logic level(3 quadrants)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com