Electronic Components Datasheet Search
  English  ▼

X  

RT4801HWSC Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT4801HWSC
Description  Dual Output LCD Bias for Smartphones and Tablets
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT4801HWSC Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT4801HWSC Datasheet HTML 3Page - Richtek Technology Corporation RT4801HWSC Datasheet HTML 4Page - Richtek Technology Corporation RT4801HWSC Datasheet HTML 5Page - Richtek Technology Corporation RT4801HWSC Datasheet HTML 6Page - Richtek Technology Corporation RT4801HWSC Datasheet HTML 7Page - Richtek Technology Corporation RT4801HWSC Datasheet HTML 8Page - Richtek Technology Corporation RT4801HWSC Datasheet HTML 9Page - Richtek Technology Corporation RT4801HWSC Datasheet HTML 10Page - Richtek Technology Corporation RT4801HWSC Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
RT4801H
Copyright © 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS4801H-00
May
2016
www.richtek.com
7
Typical Application Circuit
VOP
VIN
2.5V to 5.5V
L1
RT4801H
LXP
GND
CIN
PGND
ENP
VIN
COP
4.7
μF
VOP
4V to 6V
2.2
μH
4.7
μF
CF1
CF2
CF1
4.7
μF
VON
CON
10
μF
VON
-4V to -6V
SCL
SDA
ENN
BST
CBST
10
μF
Table 1. Component List of Evaluation Board
Reference
Qty.
Part Number
Description
Package
Supplier
CIN, COP, CF1
1
GRM188R61C475KAAJ
4.7
F/16V/X5R
0603
Murata
CBST, CON
1
GRM188R61C106KAAL
10
F/16V/X5R
0603
Murata
L1
1
1269AS-H-4R7N = P2
2.2
H/130m 2.5mm x 2.0mm x 1.0mm
Toko



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com