Electronic Components Datasheet Search
  English  ▼

X  

RT5047GSP Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT5047GSP
Description  Single Output LNB Supply and Control Voltage Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5047GSP Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT5047GSP Datasheet HTML 1Page - Richtek Technology Corporation RT5047GSP Datasheet HTML 2Page - Richtek Technology Corporation RT5047GSP Datasheet HTML 3Page - Richtek Technology Corporation RT5047GSP Datasheet HTML 4Page - Richtek Technology Corporation RT5047GSP Datasheet HTML 5Page - Richtek Technology Corporation RT5047GSP Datasheet HTML 6Page - Richtek Technology Corporation RT5047GSP Datasheet HTML 7Page - Richtek Technology Corporation RT5047GSP Datasheet HTML 8Page - Richtek Technology Corporation RT5047GSP Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
RT5047
Copyright © 2017 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DS5047-02
July
2017
4
Absolute Maximum Ratings
(Note 1)
Supply Input Voltage, VIN-------------------------------------------------------------------------------------------
0.3V to 28V
Output Voltage LNB, LX and BOOST Pins ---------------------------------------------------------------------
0.3V to 30V
Others Pin to GND ----------------------------------------------------------------------------------------------------
0.3V to 6V
Power Dissipation, PD @ TA = 25C
SOP-8 (Exposed pad) ------------------------------------------------------------------------------------------------
3.44W
Package Thermal Resistance
(Note 2)
SOP-8 (Exposed pad),
JA------------------------------------------------------------------------------------------29C/W
SOP-8 (Exposed pad),
JC------------------------------------------------------------------------------------------2C/W
Lead Temperature (Soldering, 10 sec.)--------------------------------------------------------------------------
260C
Junction Temperature ------------------------------------------------------------------------------------------------
150C
Storage Temperature Range ---------------------------------------------------------------------------------------
65C to 150C
ESD Susceptibility
(Note 3)
HBM (Human Body Model)
-----------------------------------------------------------------------------------2kV
Recommended Operating Conditions
(Note 4)
Supply Input Voltage -------------------------------------------------------------------------------------------------
8V to 16V
Ambient Temperature Range---------------------------------------------------------------------------------------
40C to 85C
Junction Temperature Range --------------------------------------------------------------------------------------
40C to 125C
Electrical Characteristics
(VIN (typ.) = 12V, VIN = 8V to 16V, TA = 25C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
General
LNB Output Accuracy,
Load and Line Regulation
ERR
Relative to selected VLNB target level,
ILNB = 0 to 450mA
3
--
3
%
Supply Current
IIN_OFF
EN = 0, LNB output disabled
--
0.3
0.5
mA
IIN_ON
EN = 1, VLNB = 18.3V, Tone = 0V
--
10
18
mA
IIN_ON
EN = 1, VLNB = 18.3V, 22kHz TONE
Input
--
16
28
mA
Boost Switch On
Resistance
RDS(ON)
ILNB = 450mA
--
150
300
m
Switching Frequency
fSW
600
700
800
kHz
Switch Current Limit
ILIMSW
VIN = 10V, VLNB = 20.5V
--
3
--
A
Linear Regulator Voltage
Drop
VDROP
VBOOST-VLNB, ILNB = 450mA
--
0.85
--
V
Output Voltage Rise Time
TR_LNB
For VLNB = 13.3V18.3V,
CLNB = 100nF, ILNB = 450mA
--
3
10
ms
Output Voltage Pull-Down
Time
TF_LNB
For VLNB = 18.3V13.3V,
CLNB = 100nF, ILNB = 0mA
--
3
10
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com