Electronic Components Datasheet Search
  English  ▼

X  

RT5047AGSP Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT5047AGSP
Description  Single Output LNB Supply and Control Voltage Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5047AGSP Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT5047AGSP Datasheet HTML 5Page - Richtek Technology Corporation RT5047AGSP Datasheet HTML 6Page - Richtek Technology Corporation RT5047AGSP Datasheet HTML 7Page - Richtek Technology Corporation RT5047AGSP Datasheet HTML 8Page - Richtek Technology Corporation RT5047AGSP Datasheet HTML 9Page - Richtek Technology Corporation RT5047AGSP Datasheet HTML 10Page - Richtek Technology Corporation RT5047AGSP Datasheet HTML 11Page - Richtek Technology Corporation RT5047AGSP Datasheet HTML 12Page - Richtek Technology Corporation RT5047AGSP Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
RT5047A
Copyright © 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS5047A-01
November
2016
www.richtek.com
9
Over Current Protect vs. Temperature
0.50
0.55
0.60
0.65
0.70
-25
0
25
50
75
100
125
Temperature (°C)
VIN = 12V, VLNB = 13.3V
Under Voltage Lockout vs. Temperature
7.00
7.20
7.40
7.60
7.80
8.00
-50
-25
0
25
50
75
100
125
Temperature (°C)
VIN = 12V
VLNB_ac
(200mV/Div)
Time (50
s/Div)
Tone Output
VIN = 12V VSEL from 0V to 3.3V,
CLNB = 0.1F, VLNB from 13V to 18V
VLNB
(5V/Div)
VSEL
(2V/Div)
Time (500
s/Div)
Output Voltage Transition Rising
VIN = 12V, VSEL from 3.3V to 0V,
CLNB = 1
F, V
LNB from 18V to 13V
VLNB
(5V/Div)
VSEL
(2V/Div)
Time (500
s/Div)
Output Voltage Transition Falling
VIN = 12V
VIN
(10V/Div)
VBOOST
(10V/Div)
VLNB
(10V/Div)
Time (5ms/Div)
Power On Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com