Electronic Components Datasheet Search
  English  ▼

X  

RT5070 Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT5070
Description  Single Output LNB Supply and Control Voltage Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT5070 Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT5070 Datasheet HTML 1Page - Richtek Technology Corporation RT5070 Datasheet HTML 2Page - Richtek Technology Corporation RT5070 Datasheet HTML 3Page - Richtek Technology Corporation RT5070 Datasheet HTML 4Page - Richtek Technology Corporation RT5070 Datasheet HTML 5Page - Richtek Technology Corporation RT5070 Datasheet HTML 6Page - Richtek Technology Corporation RT5070 Datasheet HTML 7Page - Richtek Technology Corporation RT5070 Datasheet HTML 8Page - Richtek Technology Corporation RT5070 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
RT5070
Copyright © 2016 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DS5070-01
November
2016
www.richtek.com
3
Operation
The RT5070 integrates a current mode boost converter
and linear regulator. Use the SEL pin to control the
LNB voltage and the boost converter track is at least
greater 850mV than LNB voltage. The boost converter
is the high efficiency PWM architecture with 700kHz
operation frequency. The linear regulator has the
capability to source current up to 550mA during
continuous operation. All the loop compensation,
current sensing, and slope compensation functions are
provided internally.
OCP
Both the boost converter and the linear regulator have
independent current limit. In the boost converter
(OCP1),
this
is
achieved
through
cycle-by-cycle
internal current limit (typ. 3A). In the linear regulator
(OCP2), when the linear regulator exceeds OCP more
than 48ms, the LNB output will be disabled and re-start
after 1.8s.
OTP
When the junction temperature reaches the critical
temperature (typically 150
C), the boost converter and
the linear regulator are immediately disabled.
UVLO
The UVLO circuit compares the VIN with the UVLO
threshold (7.7V rising typically) to ensure that the input
voltage is high enough for reliable operation. The
350mV (typ.) hysteresis prevents supply transients
from causing a shutdown.
PWM Controller
The loop compensation, current sensing, and slope
compensation functions are provided internally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com