Electronic Components Datasheet Search
  English  ▼

X  

RT8900 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT8900
Description  Level Shifter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8900 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT8900 Datasheet HTML 1Page - Richtek Technology Corporation RT8900 Datasheet HTML 2Page - Richtek Technology Corporation RT8900 Datasheet HTML 3Page - Richtek Technology Corporation RT8900 Datasheet HTML 4Page - Richtek Technology Corporation RT8900 Datasheet HTML 5Page - Richtek Technology Corporation RT8900 Datasheet HTML 6Page - Richtek Technology Corporation RT8900 Datasheet HTML 7Page - Richtek Technology Corporation RT8900 Datasheet HTML 8Page - Richtek Technology Corporation RT8900 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
RT8900
1
DS8900-06
September 2011
www.richtek.com
Ordering Information
Applications
TFT-LCD Panels
Level Shifter
General Description
The RT8900 is an 8-Channel level shifter suitable for TFT-
LCD row drivers. The RT8900 will level shift a digital input
signal to an output voltage nearly equal to its output supply
voltages. The RT8900 has 3 supplies : VGH1 and VGH2
are positive supplies with a voltage range from 20V to
35V and VGL is the negative supply with a voltage range
from
−5V to −10V. Outputs 0 to 5 are supplied from VGH1
and VGL. Outputs 6 and 7 are supplied from VGH2 and
VGL. This configuration enables outputs 0 to 5 to provide
slicing to the TFT-LCD row drivers to reduce flicker. VGH2
should be remained constant. The RT8900 is available in
TSSOP-20 and WQFN-20L 4x4 packages.
Features
0V to 6V Input Logic level Range
−−−−−10V to 35V Output Voltage Range
15mA Output Continuous Current (per channel)
150mA Output Peak Current (per channel)
Rise/Fall Times 9ns/10ns
Propagation Delay 55ns
100kHz Input Frequency
15
μμμμμA Ultra-low Quiescent Current
20-Lead TSSOP and WQFN 4x4 Packages
RoHS Compliant and Halogen Free
Pin Configurations
(TOP VIEW)
TSSOP-20
6
7
8
9
10
4
5
2
318
19
20
16
13
17
15
14
11
12
GND
VIN0
VIN1
VIN2
VIN3
VIN4
VIN5
VIN6
VIN7
VGL
VGH1
VOUT0
VOUT1
VOUT2
VOUT3
VOUT4
VOUT5
VOUT6
VOUT7
VGH2
Note :
Richtek products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
Package Type
C : TSSOP-20
Lead Plating System
P : Pb Free
G : Green (Halogen Free and Pb Free)
RT8900
Package Type
QW : WQFN-20L 4x4 (W-Type)
(Exposed Pad-Option 1)
Lead Plating System
Z : ECO (Ecological Element with
Halogen Free and Pb free)
RT8900
WQFN-20L 4x4
VIN1
VIN2
VIN3
VIN4
VOUT2
VOUT3
VOUT5
VOUT4
VIN5
VOUT6
1
2
3
4
67
8
9
15
14
13
12
17
20
18
19
21
NC
5
11
10
16


Similar Part No. - RT8900

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8901 RICHTEK-RT8901 Datasheet
182Kb / 10P
35V Gate Pulse Modulator for LCD Panels
RT8901GS RICHTEK-RT8901GS Datasheet
182Kb / 10P
35V Gate Pulse Modulator for LCD Panels
RT8901PS RICHTEK-RT8901PS Datasheet
182Kb / 10P
35V Gate Pulse Modulator for LCD Panels
More results

Similar Description - RT8900

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC4105V SANYO-LC4105V Datasheet
66Kb / 6P
Level Shifter
logo
ON Semiconductor
MC74VHC1GT04 ONSEMI-MC74VHC1GT04_07 Datasheet
73Kb / 6P
Inverting Buffer / CMOS Logic Level Shifter CMOS Logic Level Shifter
February, 2007 ??Rev. 14
logo
STMicroelectronics
STHDLS101 STMICROELECTRONICS-STHDLS101 Datasheet
491Kb / 25P
AC coupled HDMI level shifter
01-Dec-2008
logo
Feature Integration Tec...
F75909 FINTEK-F75909 Datasheet
453Kb / 10P
SMBus Level Shifter
logo
Renesas Technology Corp
HD74LV1GT04A RENESAS-HD74LV1GT04A_15 Datasheet
138Kb / 9P
Inverter / CMOS Logic Level Shifter
logo
ON Semiconductor
NLHV18T3244 ONSEMI-NLHV18T3244 Datasheet
202Kb / 10P
18-Channel Level Shifter
May, 2013 ??Rev. 0
NCN6011 ONSEMI-NCN6011 Datasheet
254Kb / 12P
Low Power Level Shifter
July, 2006 ??Rev. 4
logo
List of Unclassifed Man...
ASM1442 ETC2-ASM1442 Datasheet
366Kb / 18P
HDMI/DVI Level Shifter
logo
Maxim Integrated Produc...
MAX13036 MAXIM-MAX13036_V01 Datasheet
1Mb / 17P
Contact Monitor and Level Shifter
19-0808; Rev 1; 2/15
logo
Chrontel, Inc.
CH7530A CHRONTEL-CH7530A Datasheet
211Kb / 7P
CH7530A DP Level Shifter
Rev 1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com