Electronic Components Datasheet Search
  English  ▼

X  

RT8901GS Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT8901GS
Description  35V Gate Pulse Modulator for LCD Panels
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT8901GS Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button RT8901GS Datasheet HTML 2Page - Richtek Technology Corporation RT8901GS Datasheet HTML 3Page - Richtek Technology Corporation RT8901GS Datasheet HTML 4Page - Richtek Technology Corporation RT8901GS Datasheet HTML 5Page - Richtek Technology Corporation RT8901GS Datasheet HTML 6Page - Richtek Technology Corporation RT8901GS Datasheet HTML 7Page - Richtek Technology Corporation RT8901GS Datasheet HTML 8Page - Richtek Technology Corporation RT8901GS Datasheet HTML 9Page - Richtek Technology Corporation RT8901GS Datasheet HTML 10Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
RT8901
6
DS8901-03 October 2013
www.richtek.com
©
Copyright 2013 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Operating Characteristics
VFLK Threshold vs. Temperature
0.5
0.7
0.9
1.1
1.3
1.5
-40 -25 -10
5
20
35 50
65
80
95 110 125
Temperature (°C)
Rising
Falling
VVDPM = VCD = 5V, VVGH = 30V
Supply Current vs. Temperature
0
100
200
300
400
500
600
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (°C)
VVDPM = VCD = VVFLK = 5V
Supply Current vs. Supply Voltage
465
470
475
480
485
490
495
20
22
24
26
28
30
Supply Voltage (V)
VVDPM = VCD = VVFLK = 5V
CD Charge Current vs. Temperature
40
41.5
43
44.5
46
47.5
49
50.5
52
53.5
55
-40 -25 -10
5
20
35 50
65
80
95 110 125
Temperature (°C)
VVGH = 30V, VVFLK = VCD = 5V
VDPM Charge Current vs. Temperature
3.5
3.75
4
4.25
4.5
4.75
5
5.25
5.5
5.75
6
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (°C)
VVGH = 30V, VVFLK = 0V
CD Threshold vs. Temperature
2
2.2
2.4
2.6
2.8
3
-40 -25 -10
5
20
35 50
65
80
95 110 125
Temperature ( °C )
Rising
Falling
VVDPM = 5V, VVGH = 30V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com