Electronic Components Datasheet Search
  English  ▼

X  

TCLT101 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TCLT101
Description  Optocoupler, Phototransistor Output, SOP-6L4,110 C Rated, Long Mini-Flat Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCLT101 Datasheet(HTML) 5 Page - Vishay Siliconix

  TCLT101 Datasheet HTML 1Page - Vishay Siliconix TCLT101 Datasheet HTML 2Page - Vishay Siliconix TCLT101 Datasheet HTML 3Page - Vishay Siliconix TCLT101 Datasheet HTML 4Page - Vishay Siliconix TCLT101 Datasheet HTML 5Page - Vishay Siliconix TCLT101 Datasheet HTML 6Page - Vishay Siliconix TCLT101 Datasheet HTML 7Page - Vishay Siliconix TCLT101 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TCLT101. Series
www.vishay.com
Vishay Semiconductors
Alternative Device Available
Rev. 1.7, 08-Jan-14
5
Document Number: 81256
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 7 - Forward Voltage vs. Forward Current
Fig. 8 - Collector Current vs. Collector Emitter Voltage (NS)
Fig. 9 - Leakage Current vs. Ambient Temperature
Fig. 10 - Collector Current vs. Collector Emitter Voltage (saturated)
Fig. 11 - Normalized Current Transfer Ratio (non-saturated) vs.
Ambient Temperature
Fig. 12 - Normalized Current Transfer Ratio (saturated) vs.
Ambient Temperature
0.1
1
10
100
0.6
0.8
1.0
1.2
1.4
1.6
V
F - Forward Voltage (V)
T
amb = 110 °C
T
amb = 75 °C
T
amb = 25 °C
T
amb = 0 °C
T
amb = - 55 °C
0
5
10
15
20
25
30
35
40
45
50
55
0
1
2
3
4
5
6
7
8
9
10
V
CE - Collector Emitter Voltage (non-sat) (V)
I
F = 30 mA
I
F = 35 mA
IF = 1 mA
I
F = 20 mA
I
F = 15 mA
I
F = 10 mA
I
F = 5 mA
I
F = 25 mA
0.001
0.01
0.1
1
10
100
1000
10 000
T
amb - Ambient Temperature (°C)
I
F = 0 mA
V
CE = 40 V
V
CE = 24 V
V
CE = 12 V
-60 -40 -20
0
20
40
60
80 100 120
0
2
4
6
8
10
12
14
00.1
0.2
0.3
0.4
V
CE - Collector Emitter Voltage (sat) (V)
I
F = 1 mA
I
F = 10 mA
I
F = 5 mA
I
F = 2 mA
0
0.2
0.4
0.6
0.8
1.0
1.2
T
amb - Ambient Temperature (°C)
Normalized to CTR value:
I
F = 10 mA, VCE = 5 V, Tamb = 25 °C
-60 -40 -20
0
20
40
60
80 100 120
0
0.2
0.4
0.6
0.8
1.0
1.2
T
amb - Ambient Temperature (°C)
Normalized to CTR value:
I
F = 10 mA, VCE = 5 V, Tamb = 25 °C
-60 -40 -20
0
20
40
60
80 100 120



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com