Electronic Components Datasheet Search
  English  ▼

X  

PS9661 Datasheet(PDF) 2 Page - NEC

Part # PS9661
Description  NECs HIGH NOISE REDUCTION 25 Mbps CMOS OUTPUT TYPE 8-PIN DIP OPTOCOUPLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS9661 Datasheet(HTML) 2 Page - NEC

  PS9661 Datasheet HTML 1Page - NEC PS9661 Datasheet HTML 2Page - NEC PS9661 Datasheet HTML 3Page - NEC PS9661 Datasheet HTML 4Page - NEC PS9661 Datasheet HTML 5Page - NEC PS9661 Datasheet HTML 6Page - NEC PS9661 Datasheet HTML 7Page - NEC PS9661 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PACKAGE DIMENSIONS (UNIT: mm)
PS9661
9.25±0.25
6.5
±0.5
0 to 15˚
7.62
TOP VIEW
2.54
0.84±0.43
1.25±0.15
0.25 M
0.5±0.1
0.88±0.1
1. VDD1
2. VI
3. LED Anode
4. GND1
5. GND2
6. VO
7. NC
8. VDD2
1
2
4
3
6
5
8
7
TOP VIEW
PS9661L
6.5±0.5
0.9±0.25
9.60±0.4
2.54
0.25 M
1.25±0.15
9.25±0.25
0.88±0.1
1. VDD1
2. VI
3. LED Anode
4. GND1
5. GND2
6. VO
7. NC
8. VDD2
1
2
4
3
6
5
8
7
PS9661, PS9661L
Preliminary Data Sheet



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com