Electronic Components Datasheet Search
  English  ▼

X  

PT308 Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # PT308
Description  DIODE MODULE 30A/800V/1000V
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PT308 Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  PT308 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PT308 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PT308 Datasheet HTML 3Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DIODE MODULE 30A/800V/1000V
Maximum Ratings
Approx Net Weight:70g
Type / Grade
Parameter
Parameter
Parameter
Parameter
Symbol
PT308
PT3010
Unit
Repetitive Peak Reverse Voltage *1
VRRM
800
1000
Non Repetitive Peak Reverse Voltage *1
VRSM
900
1100
V
Parameter
Parameter
Parameter
Parameter
Conditions
Conditions
Conditions
Conditions
Max Rated
Max Rated
Max Rated
Max Rated
Value
Value
Value
Value
Unit
Average Rectified Output Current
IO(AV)
3-Phase Full Wave Rectified
Tc=60
°C
30
A
Surge Forward Current *1
IFSM
50 Hz Half Sine Wave,1Pulse
Non-repetitive
400
A
I Squared t *1
I2t
2msec to 10msec
800
A2s
Operating JunctionTemperature Range
Tjw
-40 to +150
°C
Storage Temperature Range
Tstg
-40 to +125
°C
Isoration Voltage
Viso
Base Plate to Terminals, AC1min
2000
V
Case mounting
Greased
M5 Screw
2.4 to 2.8
Mounting torque
Terminals
Ftor
N•m
Electrical
• Thermal Characteristics
Characteristics
Symbol
Test Conditions
Max. Unit
Peak Reverse Current *1
IRM
VRM= VRRM, Tj= 25
°C
10
µA
Peak Forward Voltage *1
VFM
IFM= 10A, Tj=25
°C
1.2
V
Rth(j-c)
Junction to Case with Thermal
Compound (total)
0.92
Thermal Resistance
°C/W
*1: Value Per 1Arm
FEATURES
* Isolated Base
* 3 Phase Bridge Circuit
* High Surge Capability
* UL Recognized, File No. E187184
TYPICAL APPLICATIONS
* Rectified For General Use
PT308
PT3010
PT308
PT3010
PT308
PT3010
PT308
PT3010
OUTLINE DRAWING
φ
 


Similar Part No. - PT308

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PT308AC NIEC-PT308AC Datasheet
113Kb / 3P
DIODE MODULE 30A/800V
PT308AC NIEC-PT308AC Datasheet
102Kb / 1P
P20B80
More results

Similar Description - PT308

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
RHRG30100 INTERSIL-RHRG30100 Datasheet
48Kb / 4P
30A, 1000V Hyperfast Diode
January 2000
RHRP30100 INTERSIL-RHRP30100 Datasheet
50Kb / 4P
30A, 1000V Hyperfast Diode
January 2000
RURG30100 INTERSIL-RURG30100 Datasheet
32Kb / 3P
30A, 1000V Ultrafast Diode
January 2000
RURP30100 INTERSIL-RURP30100 Datasheet
31Kb / 3P
30A, 1000V Ultrafast Diode
January 2000
logo
Nihon Inter Electronics...
PC308 NIEC-PC308 Datasheet
189Kb / 3P
DIODE MODULE 30A/800V
PCH308 NIEC-PCH308 Datasheet
248Kb / 5P
THYRISTOR MODULE 30A/800V
PE308N NIEC-PE308N Datasheet
156Kb / 3P
DIODE MODULE 30A/800V
PT30S8 NIEC-PT30S8 Datasheet
111Kb / 3P
DIODE MODULE 30A/800V
PT308AC NIEC-PT308AC Datasheet
113Kb / 3P
DIODE MODULE 30A/800V
PT368 NIEC-PT368 Datasheet
116Kb / 3P
DIODE MODULE 30A/800V/1000V
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com