Electronic Components Datasheet Search
  English  ▼

X  

DS244 Datasheet(PDF) 4 Page - ON Semiconductor

Part # DS244
Description  Octal Buffer/Line Driver with 3-State Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DS244 Datasheet(HTML) 4 Page - ON Semiconductor

  DS244 Datasheet HTML 1Page - ON Semiconductor DS244 Datasheet HTML 2Page - ON Semiconductor DS244 Datasheet HTML 3Page - ON Semiconductor DS244 Datasheet HTML 4Page - ON Semiconductor DS244 Datasheet HTML 5Page - ON Semiconductor DS244 Datasheet HTML 6Page - ON Semiconductor DS244 Datasheet HTML 7Page - ON Semiconductor DS244 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SN74LS240, SN74LS244
http://onsemi.com
4
AC WAVEFORMS
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
1.3 V
VIN
VOUT
tPLH
tPHL
1.3 V
1.3 V
VIN
VOUT
SW2
CL*
5 kΩ
SW1
VCC
RL
TO OUTPUT
UNDER TEST
1.3 V
tPHL
tPLH
VE
VE
VOUT
VE
VE
VOUT
tPHZ
1.3 V
1.3 V
tPZL
tPLZ
VOL
1.3 V
≥VOH
0.5 V
tPZH
1.3 V
Figure 1.
Figure 2.
Figure 3.
Figure 4.
Figure 5.
≈ 1.3 V
0.5 V
≈ 1.3 V
SWITCH POSITIONS
Closed
Open
Closed
Closed
Open
Closed
Closed
Closed
tPZH
tPZL
tPLZ
tPHZ
SW2
SW1
SYMBOL



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com