Electronic Components Datasheet Search
  English  ▼

X  

2SD1803 Datasheet(PDF) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

Part # 2SD1803
Description  Silicon NPN transistor in a TO-252 Plastic Package.
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOSHAN [Foshan Blue Rocket Electronics Co.,Ltd.]
Direct Link  http://www.fsbrec.com/
Logo FOSHAN - Foshan Blue Rocket Electronics Co.,Ltd.

2SD1803 Datasheet(HTML) 2 Page - Foshan Blue Rocket Electronics Co.,Ltd.

  2SD1803 Datasheet HTML 1Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SD1803 Datasheet HTML 2Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SD1803 Datasheet HTML 3Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SD1803 Datasheet HTML 4Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SD1803 Datasheet HTML 5Page - Foshan Blue Rocket Electronics Co.,Ltd. 2SD1803 Datasheet HTML 6Page - Foshan Blue Rocket Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2SD1803
Rev.E May.-2016
DATA SHEET
http://www.fsbrec.com
2 / 6
参数
Parameter
符号
Symbol
数值
Rating
单位
Unit
Collector to Base Voltage
VCBO
60
V
Collector to Emitter Voltage
VCEO
50
V
Emitter to Base Voltage
VEBO
6
V
Collector Current - Continuous
IC
5
A
Collector Current – Continuous(Pulse)
ICP
8
A
Collector Power Dissipation
PC
1.0
W
Collector Power Dissipation
PC(Tc=25℃)
20
W
Junction Temperature
Tj
150
℃
Storage Temperature Range
Tstg
-55~150
℃
参数
Parameter
符号
Symbol
测试条件
Test Conditions
最小值
Min
典型值
Typ
最大值
Max
单位
Unit
Collector to Base Breakdown
Voltage
VCBO
IC=10μA
IE=0
60
V
Collector to Emitter Breakdown
Voltage
VCEO
IC=1.0mA
RBE=∞
50
V
Emitter to Base Breakdown Voltage
VEBO
IE=10μA
IC=0
6
V
Collector Cut-Off Current
ICBO
VCB=40V
IE=0
1.0
μA
Emitter Cut-Off Current
IEBO
VEB=4.0V
IC=0
1.0
μA
DC Current Gain
hFE(1)
VCE=2.0V
IC=0.5A
70
400
hFE(2)
VCE=2.0V
IC=4.0A
35
Collector to Emitter Saturation
Voltage
VCE(sat) IC=3.0A
IB=0.15A
0.22
0.4
V
Base to Emitter Saturation Voltage
VBE(sat) IC=3.0A
IB=0.15A
0.95
1.3
V
Transition Frequency
fT
VCE=5.0V
IC=1.0A
180
MHz
Collector output capacitance
Cob
VCB=10V
f=1.0MHz
40
pF
Turn-On Time
ton
IC=10IB1=-10IB2=2.0A
50
ns
Storage Time
tstg
500
ns
Fall Time
tf
20
ns
极限参数 / Absolute Maximum Ratings(Ta=25℃)
电性能参数 / Electrical Characteristics(Ta=25℃)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com