Electronic Components Datasheet Search
  English  ▼

X  

PT4583 Datasheet(PDF) 2 Page - Texas Instruments

Part # PT4583
Description  30-W 24/48-V Input Isolated DC/DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4583 Datasheet(HTML) 2 Page - Texas Instruments

  PT4583 Datasheet HTML 1Page - Texas Instruments PT4583 Datasheet HTML 2Page - Texas Instruments PT4583 Datasheet HTML 3Page - Texas Instruments PT4583 Datasheet HTML 4Page - Texas Instruments PT4583 Datasheet HTML 5Page - Texas Instruments PT4583 Datasheet HTML 6Page - Texas Instruments PT4583 Datasheet HTML 7Page - Texas Instruments PT4583 Datasheet HTML 8Page - Texas Instruments PT4583 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
PT4580 Series
30-W 24/48-V Input
Isolated DC/DC Converter
Specifications (Unless otherwise stated, T
a =25°C, Vin =24V, Cout =330µF, and Io =Iomax)
PT4580 SERIES
Characteristic
Symbol
Conditions
Min
Typ
Max
Units
Output Current
Io
Over Vin range
Vo = 15V
0.1
(1)
—
2.0
Vo = 12V
0.1
(1)
—
2.5
A
Vo =5.0V
0.25 (1)
—
6.0
Vo ≤ 3.3V
0.25 (1)
—
8.0
Input Voltage Range
Vin
Over Io Range
18.0
24.0
60.0
V
Set Point Voltage Tolerance
Vo tol
Vo≥5.0V
—
±1
±1.5
%Vo
Vo≤3.3V
—
±33
±50
mV
Temperature Variation
Regtemp
–40°
≤Ta ≤ +85°C
—
±0.5
—
%Vo
Line Regulation
Regline
Over Vin range
Vo≥5.0V
—
±0.2
±1.0
%Vo
Vo≤3.3V
—
±7
±33
mV
Load Regulation
Regload
Over Io range
Vo
≥5.0V
—
±0.4
±1.0
%Vo
Vo≤3.3V
—
±13
±33
mV
Total Output Voltage Variation
∆Votot
Includes set-point, line, load,
Vo≥5.0V
—
±2
—
%Vo
–40°
≤Ta ≤ +85°C
Vo≤3.3V
—
±67
—
mV
Efficiency
η
Vo = 15V
—
85
—
Vo = 12V
—
86
—
Vo =5.0V
—
83
—
%
Vo =3.3V
—
80
—
Vo =1.8V
—
70
—
Vo Ripple (pk-pk)
Vr
20MHz bandwidth
Vo ≥ 5.0V
—
1.0
2.0
%Vo
Vo ≤ 3.3V
—
50
75
mVpp
Transient Response
ttr
0.1A/µs load step, 50% to 100% Iomax
—
100
200
µs
∆Vtr
Vo over/undershoot
Vo ≥ 5.0V
—
±3.0
±5.0
%Vo
Vo ≤ 3.3V
—
±100
±150
mV
Short Circuit Current
Isc
—
2xIomax
—
A
Switching Frequency
ƒs
Over Vin range
Vo≥10V
450
500
550
kHz
Vo <10V
700
750
800
Under-Voltage Lockout
UVLO
Vin increasing
—
17
—
V
Vin decreasing
—
16
—
Remote On/Off Input (pin 2)
Referenced to –Vin (pins 4–6)
Input High Voltage
VIH
2.5
—
15 (2)
V
Input Low Voltage
VIL
–0.2
—
+0.8
Input Low Current
IIL
–3
–6
–10
µA
Standby Input Current
Iin standby
pins 2 & 4 connected
—
8
16
mA
Internal Input Capacitance
Cin
—
0.66
—
µF
External Output Capacitance
Cout
Between +Vo and –Vo
Vo ≥ 9.0V
260
330
600
(3)
µF
Vo ≤ 5.0V
260
330
1,000 (3)
Isolation Voltage
Input-output/input-case
1500
—
—
Vdc
Capacitance
Input-output
—
1200
—
pF
Resistance
Input-output
10
—
—
M
Ω
Operating Temperature Range
Ta
Over Vin range
-40 (4)
—
+85 (5)
°C
Maximum Case Temperature
Tc
—
—
100
°C
Storage Temperature Range
Ts
—
-40
—
+125
°C
Reliability
MTBF
Per Bellcore TR-332
5.0
—
—
106 Hrs
50% stress, Ta =40°C, ground benign
Mechanical Shock
—
Per Mil-Std-883D, method 2002.3,
—
500
—
G’s
1mS, half-sine, mounted to a fixture
Mechanical Vibration
—
Per Mil-Std-883D, method 2007.2,
—
20
—
G’s
20-2000Hz, soldered to board
Weight
—
—
—
40
—
grams
Flammability
—
Materials meet UL 94V-0
Notes:
(1) The DC/DC converter will operate at no load with reduced specifications.
(2) The Remote On/Off input has an internal pull-up. If it is left open circuit the converter will operate when input power is applied. A low-leakage
(<100nA) MOSFET is recommended to control this input. The open-circuit voltage is less than 10V. See application notes for interface considerations.
(3) Output capacitor values are absolute. Allowances must be made for any additional de-coupling capacitors and the total external capacitor tolerance.
The value of external capacitance is limited due to regulator startup current requirements. Consult the factory for further details.
(4) For operation below 0°C, the required external output capacitor must have temperature stable characteristics. E.g. Tantalum or Oscon® types.
(5) See Safe Operating Area curves or contact the factory for the appropriate thermal derating.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com